Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTS-4D-R/Q

  • AI
    The **FRTS-4D-R/Q** refers to a high-precision force sensor or tactile sensor system, typically utilized in robotics and industrial automation (often associated with brands like **Touchence**). This device is designed to measure multi-axial forces and moments. --- ### 1. Key Electronic Components and Architecture The internal circuitry of the FRTS-4D-R/Q is designed to convert physical mechanical strain into a digital signal that a controller can interpret. | Component | Function | | :--- | :--- | | **Strain Gauges** | The primary sensing elements that change resistance based on mechanical deformation. | | **Wheatstone Bridge** | A circuit arrangement used to measure the small resistance changes in the strain gauges with high precision. | | **ADC (Analog-to-Digital Converter)** | Converts the low-voltage analog signals from the bridge into high-resolution digital data. | | **Microprocessor/DSP** | Processes raw data to calculate 4-axis vectors (Fx, Fy, Fz, and My) and handles calibration. | | **Communication Interface** | Typically uses RS-485, CAN bus, or EtherCAT to send data to the main robot controller. | --- ### 2. Technical Specifications (Typical) The "4D" in the model name indicates the measurement of **four degrees of freedom**: three force components and one moment component. * **Measured Axes:** Fx, Fy, Fz (Forces) and My (Moment/Torque). * **Input Voltage:** Usually 12V to 24V DC. * **Signal Output:** Digital (often via a dedicated conversion unit or amplifier). * **Structural Material:** High-strength aluminum alloy or stainless steel to ensure elasticity and durability. --- ### 3. Wiring and Integration To integrate this electronic part into a system, specific pinouts are generally followed to ensure power supply and data integrity. ```yaml # Typical Pin Configuration for Multi-Axis Sensors Pin_1: VCC (Power Supply +) Pin_2: GND (Ground -) Pin_3: Data+ (Communication High) Pin_4: Data- (Communication Low) Pin_5: Shield (Electromagnetic Interference Protection) ``` --- ### 4. Application Context The electronics are optimized for "tactile" feedback, allowing machines to: 1. **Detect Contact:** Sense when a robotic gripper touches an object. 2. **Control Force:** Apply a specific amount of pressure without damaging fragile items. 3. **Center Alignment:** Adjust the position of a part based on the side-forces (Fx, Fy) detected during assembly.
    ✨ Follow-up Questions
    • ⤷ What are the specific measurement ranges for the Fz axis on this model?
    • ⤷ Which communication protocol is most commonly used with the FRTS series?
    • ⤷ How does the calibration process work for 4-axis sensors?