Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTS-B4-R

  • AI
    The **FRTS-B4-R** is an electronic component primarily classified as a **Force Sensor** or **Force Transducer**, typically used in industrial automation, robotics, and testing equipment. It is designed to measure push/pull forces with high precision. --- ### 1. General Specifications The FRTS series is known for its compact design and high reliability. Below are the typical electronic and physical specifications: | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | Strain Gauge-based Force Sensor | | **Measurement Direction** | Compression and Tension (Push/Pull) | | **Rated Capacity** | Typically up to 500N (varies by sub-model) | | **Output Sensitivity** | Approx. 1.0 mV/V to 2.0 mV/V | | **Input Resistance** | ~350 Ohms (Standard bridge) | | **Excitation Voltage** | 5V to 10V DC | --- ### 2. Core Electronic Components The internal architecture of the FRTS-B4-R relies on several key electronic principles: * **Wheatstone Bridge:** The heart of the sensor consists of four strain gauges arranged in a bridge circuit. When force is applied, the resistance of the gauges changes, creating a differential voltage output. * **Strain Gauges:** These are thin-film resistors bonded to a flexure element. They convert mechanical displacement into electrical resistance changes. * **Compensation Resistors:** Internal resistors are used to balance the bridge for "Zero Balance" and to compensate for temperature fluctuations (Thermal Sensitivity Shift). * **Shielded Cabling:** To prevent Electromagnetic Interference (EMI) from affecting the low-voltage millivolt signal, the part uses a high-quality shielded 4-wire or 6-wire cable. --- ### 3. Wiring and Integration To use the FRTS-B4-R in a circuit, it must be connected to a signal conditioner or an amplifier, as the raw output is too small for a standard microcontroller (like an Arduino) to read directly. #### Typical Wiring Color Code: ```text Red : Excitation (+) Black : Excitation (-) Green : Signal (+) White : Signal (-) Shield: Ground ``` --- ### 4. Typical Applications The "B4" designation often refers to the specific mounting style (e.g., button type or threaded stud), making it suitable for: 1. **Haptics Testing:** Measuring the force required to press buttons on consumer electronics. 2. **Assembly Lines:** Monitoring the press-fit force of components. 3. **Robotic Grippers:** Providing force feedback to ensure delicate objects aren't crushed.
    ✨ Follow-up Questions
    • ⤷What is the maximum rated load for the FRTS-B4-R specifically?
    • ⤷ Which signal amplifier is recommended for use with this sensor?
    • ⤷ How do you calibrate the FRTS-B4-R for a 0-5V output?