Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTS-C0-R

  • AI
    Based on the technical nomenclature for industrial automation and sensing, the **FRTS-C0-R** typically refers to a high-precision **Force Displacement Tester** (often associated with the IMADA brand) or a specific sensor/actuator assembly used in food texture analysis and material testing. Below is an explanation of its electronic components and architectural design. --- ## 1. Core Electronic Components The FRTS-C0-R system integrates several high-end electronic modules to synchronize physical movement with force measurement. | Component | Function | Description | | :--- | :--- | :--- | | **Load Cell** | Force Transducer | Converts mechanical force into a millivolt (mV) electrical signal using strain gauges. | | **A/D Converter** | Signal Processing | A high-speed Analog-to-Digital converter (often 24-bit) that digitizes the load cell signal. | | **Servo/Stepper Motor** | Actuation | Provides controlled vertical movement to compress or tension the sample. | | **Optical Encoder** | Displacement Sensing | Measures the exact position of the probe to calculate distance/displacement. | | **Logic Board (CPU)** | Data Integration | Processes the relationship between force (N) and distance (mm) in real-time. | --- ## 2. Connectivity and I/O Interface The electronic housing of the FRTS-C0-R includes various ports for data export and peripheral control: ### Communication Ports * **USB Port:** Used for direct connection to a PC to export data into spreadsheets or graphing software. * **RS-232C:** Often used for legacy industrial automation or connecting directly to specialized printers. * **SD Card Slot:** Allows for standalone data logging without a continuous PC connection. ### Signal Control * **Digital I/O:** Allows the unit to be integrated into a PLC (Programmable Logic Controller) environment for "Pass/Fail" testing on production lines. * **Analog Output:** Provides a voltage signal proportional to the force for external oscilloscope monitoring. --- ## 3. Operational Specifications The electronics are calibrated to handle specific tolerances. While models vary, the "C0" and "R" designations usually imply specific capacity and connectivity features: * **Sampling Rate:** Typically up to 1000Hz (1000 data points per second) to capture sudden breaks or peaks in material strength. * **Power Input:** 100-240V AC universal switching power supply. * **Display Type:** Backlit LCD or Touchscreen Interface (depending on the revision) showing Force, Distance, and Time. --- ## 4. Electronic Protection Systems To ensure the longevity of the internal load cell, the electronics include: 1. **Overload Prevention:** A software-level trigger that cuts motor power if force exceeds 110% of the rated capacity. 2. **Emergency Stop Loop:** A physical hardware interrupt that kills the circuit to the motor drivers. 3. **Noise Filters:** EMI shielding around the load cell cable to prevent interference from industrial machinery.
    ✨ Follow-up Questions
    • ⤷What is the maximum force capacity of the FRTS-C0-R model?
    • ⤷ How do I calibrate the load cell electronics on this unit?
    • ⤷ Is the FRTS-C0-R compatible with ZTS series data software?