Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTS-G1-R

  • AI
    The **FRTS-G1-R** is an electronic component primarily classified as a **Digital Flow Sensor** (specifically a flow rate transmitter) often used in industrial automation, pneumatic systems, and fluid management. --- ## 1. Core Specifications The "FRTS" series is designed to measure the flow rate of gases (typically air or nitrogen) and convert that physical movement into an electrical signal. | Feature | Description | | :--- | :--- | | **Measurement Principle** | Thermal Anemometry (MEMS Flow Chip) | | **Output Type** | Analog (1-5V or 4-20mA) or Digital Switch | | **Connection Port** | G1 (1-inch Threaded) | | **Material** | PPS (Polyphenylene Sulfide) or Aluminum Alloy housing | | **Accuracy** | Generally ±2% to ±3% Full Scale | --- ## 2. Key Electronic Components Inside the FRTS-G1-R, several critical electronic subsystems work together to provide accurate readings: ### A. MEMS Flow Sensor Chip This is the "heart" of the device. It contains a heating element and two temperature sensors (upstream and downstream). As air flows across the chip, it carries heat from the heater to the sensors. The temperature difference is proportional to the **mass flow rate**. ### B. Signal Conditioning Circuit Because the raw output from a MEMS chip is non-linear and very small (millivolts), the internal circuitry includes: * **Operational Amplifiers (Op-Amps):** To boost the signal. * **A/D Converter:** Converts the analog voltage into a digital signal for processing. * **Linearization Table:** A pre-programmed ROM that corrects the non-linear curve of the sensor to provide a linear 1-5V or 4-20mA output. ### C. Protection Circuitry To ensure reliability in industrial environments, the PCB includes: * **Reverse Polarity Protection:** Prevents damage if the DC power wires are swapped. * **Surge Suppressors (TVS Diodes):** Protects the electronics from voltage spikes on the power line. --- ## 3. Wiring and Integration The electronic interface usually follows a standard industrial wiring color code: ```yaml Wiring_Standard: Brown: DC (+) Power Supply (typically 12-24V) Blue: DC (-) Ground (0V) Black: Control Output (Switching signal/NPN or PNP) White: Analog Output (1-5V or 4-20mA) ``` --- ## 4. Typical Applications * **Leakage Detection:** Monitoring compressed air lines for unexpected drops. * **Suction Verification:** Ensuring a vacuum cup has successfully grabbed a part in robotic assembly. * **Gas Consumption Monitoring:** Tracking the usage of expensive industrial gases like Nitrogen or Argon.
    ✨ Follow-up Questions
    • ⤷What is the maximum pressure rating for the FRTS-G1-R?
    • ⤷ Can this sensor be used with liquids like water or oil?
    • ⤷ How do I switch between NPN and PNP output modes on this device?