Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTS-G5-R

  • AI
    The **FRTS-G5-R** is an electronic component typically associated with high-precision sensing and automated measurement systems, most notably used in **Takasago** or similar industrial texture analyzers and force-testing equipment. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The FRTS-G5-R functions as a **Force Sensor (Load Cell)** or a specialized probe unit. It is designed to convert mechanical force into an electrical signal for data processing. | Feature | Description | | :--- | :--- | | **Component Type** | Load Cell / Force Displacement Sensor | | **Max Capacity** | 5 Newtons (approx. 500gf) | | **Interface** | Analog or Digital (depending on the controller unit) | | **Application** | Texture analysis, tension testing, and compression measurement | --- ### 2. Core Electronic Components The internal architecture of the FRTS-G5-R consists of several critical electronic stages: #### A. Strain Gauge Bridge * **Function:** The heart of the sensor. It utilizes a Wheatstone bridge circuit. * **Process:** When physical force is applied, the resistance of the gauges changes. This change is proportional to the applied force. #### B. Signal Conditioning Circuitry * **Amplification:** Because the raw output of a strain gauge is in millivolts (mV), high-precision operational amplifiers (Op-Amps) are used to boost the signal. * **Noise Filtering:** Includes capacitors and ferrite beads to prevent Electromagnetic Interference (EMI) from affecting measurement accuracy. #### C. Connector Interface (The "R" Suffix) * The **"R"** often denotes a specific wiring configuration or a **Right-angle** connector housing, designed for integration into tight industrial robotic arms or specialized test stands. --- ### 3. Technical Parameters If you are integrating this part into a circuit, consider these electronic constraints: | Parameter | Value (Typical) | | :--- | :--- | | **Excitation Voltage** | 5V to 12V DC | | **Output Sensitivity** | 1.0 to 2.0 mV/V | | **Non-linearity** | ±0.1% of Full Scale | | **Hysteresis** | < 0.1% | | **Connection Type** | 4-wire (Exc+, Exc-, Sig+, Sig-) | --- ### 4. Application Context In an industrial environment, the FRTS-G5-R is electronically connected to a **Data Acquisition (DAQ) system** or a dedicated Force Gauge controller. It is highly sensitive, making it ideal for: * Testing the "click" feel of electronic buttons (tactile switches). * Measuring the strength of fine electronic wires or solder joints. * Food texture analysis (firmness and elasticity). ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 4-wire interface of the FRTS-G5-R?
    • ⤷ Can this sensor be used with an Arduino or Raspberry Pi using an HX711 module?
    • ⤷ What is the recommended calibration frequency for this specific load cell model?