Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FS-R

  • AI
    The **FS-R** series typically refers to the receiver line produced by **FlySky**, a popular manufacturer of Radio Control (RC) systems. These receivers are designed to decode signals from a transmitter (like the FS-i6) and convert them into electrical pulses for servos and Electronic Speed Controllers (ESCs). Below is a breakdown of the electronic components and technical specifications common to the FS-R series (specifically the popular **FS-iA6B** or **FS-R6B** models). --- ### 1. Internal Electronic Architecture The internal circuitry of an FS-R receiver consists of several key modules: | Component | Function | | :--- | :--- | | **RF Front-End** | Captures 2.4GHz radio waves via the antenna. | | **MCU (Microcontroller)** | Processes the digital packets and converts them into PWM, PPM, or i-Bus signals. | | **Voltage Regulator** | Steps down the input voltage (usually 4.0V - 8.4V) to 3.3V for internal logic chips. | | **EEPROM/Flash** | Stores "binding" information so the receiver remembers its specific transmitter. | | **Crystal Oscillator** | Provides the precise clock frequency (usually 12MHz or 16MHz) for signal timing. | --- ### 2. Physical Ports and Connections Most FS-R receivers utilize a standard 3-pin header system for each channel. * **Pinout Configuration:** * **Signal (S):** Usually the top pin (White or Orange wire). * **Positive (+):** Middle pin (Red wire) - Power input/output. * **Negative (-):** Bottom pin (Black or Brown wire) - Ground. ### 3. Comparison of Popular FS-R Models | Model | Channels | Protocol | Telemetry | Best For | | :--- | :--- | :--- | :--- | :--- | | **FS-R6B** | 6 | AFHDS | No | Basic Planes/Cars | | **FS-iA6B** | 6 | AFHDS 2A | Yes | Multirotors, Precision Planes | | **FS-iA10B** | 10 | AFHDS 2A | Yes | Complex Scale Models | | **FS-R9B** | 8 | AFHDS | No | Older FlySky TH9X systems | --- ### 4. Communication Protocols The "Electronic Language" used by these parts is crucial for compatibility: 1. **PWM (Pulse Width Modulation):** One wire per channel. Standard for servos. 2. **PPM (Pulse Position Modulation):** All channels sent over a single wire in a stream. 3. **i-Bus:** FlySky’s proprietary digital bus. Allows for daisy-chaining sensors (telemetry) and high-speed communication with flight controllers. 4. **AFHDS 2A:** The "Automatic Frequency Hopping Digital System." This is the electronic algorithm that prevents interference by jumping between frequencies 160 times per second. --- ### 5. Essential Electronics Setup (Wiring) ```python # Standard Connection Logic # [Battery/ESC] -> [Channel 1 or BATT Port] -> [Receiver Powers Up] # [Receiver] -> [Sends PWM Signal] -> [Servo Motor] Input_Voltage = "4.0V to 8.4V DC" Signal_Frequency = "2.408 to 2.475 GHz" Bandwidth = "500 KHz" ```
    ✨ Follow-up Questions
    • ⤷What is the difference between AFHDS and AFHDS 2A protocols?
    • ⤷ How do I bind an FS-R receiver to a FlySky transmitter?
    • ⤷ Can I use an FS-R receiver with a high-voltage (2S LiPo) setup?