Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FSE-160-R

  • AI
    The **FSE-160-R** is a high-performance, chassis-mount power resistor commonly used in industrial automation, motor control, and braking systems. It is designed to dissipate significant amounts of thermal energy while maintaining a compact form factor. --- ### ## Technical Specifications The table below summarizes the core electronic and mechanical parameters of the FSE-160-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Power Resistor (Wirewound) | | **Power Rating** | 160 Watts | | **Resistance Range** | Typically 0.1 $\Omega$ to 50k $\Omega$ (Varies by sub-model) | | **Mounting Style** | Chassis Mount (Flat/Oval Profile) | | **Termination** | Solder lugs or Bolted terminals | | **Core Material** | High-grade ceramic (Steatite or Alumina) | | **Coating** | Flameproof vitreous enamel or Silicone | --- ### ## Key Electronic Components & Construction The "electronic parts" of this resistor are integrated into its physical construction to handle high current and heat: 1. **Resistive Element**: - It uses a **wirewound design** where a resistive alloy wire (such as Nickel-Chromium) is coiled around a ceramic core. - This allows for high precision and the ability to withstand high power surges. 2. **Ceramic Core**: - A non-conductive, heat-resistant tube that provides structural integrity. It acts as the primary heat sink for the wire element. 3. **Encapsulation (Coating)**: - Usually coated in a specialized **vitreous enamel**. This provides dielectric strength, protects the wire from oxidation, and improves thermal conductivity to the outside air. 4. **Terminals**: - Radial or axial lugs made of tinned alloy to ensure low contact resistance and ease of integration into a circuit. --- ### ## Functional Applications The FSE-160-R is typically utilized in the following scenarios: * **Dynamic Braking**: Absorbing the kinetic energy from electric motors when they decelerate. * **Load Simulation**: Used in test benches to simulate high-current electronic loads. * **Voltage Dropping**: Reducing supply voltage in heavy machinery circuits. * **Inrush Current Limiting**: Protecting sensitive electronics from sudden power spikes during startup. --- ### ## Critical Safety Considerations * **Derating**: Like all power resistors, the 160W rating is usually based on a specific ambient temperature (often 25°C). If the environment is hotter, the power capacity must be "derated" to prevent component failure. * **Heat Dissipation**: Because it converts electricity into heat, the chassis must have adequate ventilation or be mounted to a metal surface that acts as a heat sink.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the FSE-160-R?
    • ⤷ How do I calculate the derating curve for this resistor?
    • ⤷ Are there inductive and non-inductive versions of this model?