Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FSLM2520-R12J

  • AI
    The **FSLM2520-R12J** is a high-precision surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency circuits for filtering, impedance matching, and resonance applications. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (like TDK or Bourns). Here is the breakdown of its core parameters: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.12 µH (Microhenries) | | **Tolerance** | ±5% (indicated by the 'J') | | **Package Size** | 2520 (Metric) / 1008 (Imperial) | | **Dimensions** | 2.5mm x 2.0mm x 1.6mm | | **Material** | Wire-wound (Ferrite Core) | | **Current Rating** | Typically 450mA - 550mA (Varies by brand) | | **Self-Resonant Frequency** | High (Approx. 500 MHz - 700 MHz) | --- ### 2. Part Number Deciphering Understanding the code helps in identifying replacements or similar components: * **FSLM**: Series prefix (Wire-wound type for signal lines). * **2520**: Dimensions in millimeters (2.5mm length x 2.0mm width). * **R12**: Inductance value. 'R' acts as a decimal point. `R12 = 0.12 µH`. * **J**: Tolerance code. `J = ±5%`. --- ### 3. Key Features & Applications The FSLM2520 series is engineered for stability and performance in communication devices. #### Features: * **High Q Factor:** Excellent efficiency in frequency selection. * **Heat Resistance:** Designed to withstand reflow soldering temperatures. * **Durability:** The wire-wound structure on a ferrite core provides better magnetic shielding and higher inductance values in a small footprint compared to multilayer inductors. #### Typical Applications: 1. **Telecommunications:** Mobile phones, base stations, and wireless LAN modules. 2. **RF Circuits:** Used in matching circuits for antennas and power amplifiers. 3. **Video/Audio:** Filtering noise in high-frequency signal lines. 4. **Consumer Electronics:** Hard drives, digital cameras, and tablets. --- ### 4. Handling and Soldering Since this is a 2520 SMD component, specific care must be taken during the PCBA (Printed Circuit Board Assembly) process: * **Footprint:** Ensure the PCB land pattern matches the 2.5mm x 2.0mm dimensions to avoid "tombstoning." * **Moisture Sensitivity:** Typically rated at MSL 1 (no special dry storage required), but check the specific manufacturer datasheet.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a wire-wound inductor and a multilayer inductor?
    • ⤷ How does the 'Q factor' affect the performance of the FSLM2520-R12J?
    • ⤷ Can I substitute a 10% tolerance (K) inductor for this 5% (J) part?