Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FSLM2520-R33J

  • AI
    The **FSLM2520-R33J** is a surface-mount (SMD) wire-wound chip inductor commonly used in signal processing and power management circuits. It is part of the FSLM series, which is designed for high-frequency applications and reliability. --- ### 1. Key Technical Specifications The alphanumeric code "FSLM2520-R33J" provides specific details about the component's physical and electrical properties: | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | Wire-wound Inductor | Utilizes a copper wire wound around a ceramic or ferrite core. | | **Size Code** | 2520 (Metric) | Dimensions are approx. 2.5mm x 2.0mm (1008 in Imperial). | | **Inductance** | 0.33 µH (R33) | "R" acts as the decimal point in microhenries. | | **Tolerance** | ±5% (J) | "J" indicates a 5% deviation tolerance. | | **Current Rating** | ~450mA to 550mA | Typical saturation/rated current for this specific value. | | **Q-Factor** | High Q | Designed for low energy loss in high-frequency circuits. | --- ### 2. Component Composition Inductors like the FSLM2520-R33J are engineered with specific materials to manage magnetic flux: 1. **Core Material:** Usually a Ferrite core to increase inductance and efficiency while maintaining a small footprint. 2. **Winding:** Precision-wound copper wire ensures stable electrical characteristics. 3. **Encapsulation:** Often coated in a heat-resistant resin to protect the wire from physical damage and oxidation during soldering. 4. **Terminations:** Tin-plated electrodes optimized for lead-free reflow soldering. --- ### 3. Common Applications Due to its small size and precise tolerance, this part is found in: * **RF Modules:** Impedance matching and resonance circuits. * **Mobile Devices:** Filtering noise in power lines for smartphones and tablets. * **Audio/Video Equipment:** Signal decoupling to prevent interference. * **Automotive Electronics:** Infotainment systems and sensor data processing. --- ### 4. Equivalent Part Numbering Example If you are looking for this part in a schematic, it follows standard SMD nomenclature: ```markdown FSLM 2520 - R33 J | | | | Series Size Value Tolerance ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between wire-wound and multilayer inductors?
    • ⤷ How does the Q-factor affect the performance of this inductor?
    • ⤷ What are the temperature limitations for the FSLM2520 series?