Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FSLM2520-R47

  • AI
    ## Analysis of the FSLM2520-R47 Electronic Component The **FSLM2520-R47** is a surface-mount (SMD) wire-wound chip inductor. It is part of the FSLM series, typically manufactured by companies like **TDK** or **Murata** (often categorized under signal line inductors). --- ### 1. General Specifications The part number itself follows a standard naming convention that describes its physical and electrical characteristics: | Parameter | Specification | |:---|:---| | **Inductance** | 0.47 µH (470 nH) | | **Tolerance** | ±20% (Standard for this series) | | **Case Size** | 2520 (Metric) / 1008 (Imperial) | | **Dimensions** | 2.5mm x 2.0mm x 1.8mm | | **Core Material** | Ferrite | | **Structure** | Wire-wound | --- ### 2. Electrical Characteristics These parts are designed for high-frequency stability and general-purpose filtering. * **Rated Current:** Typically ranges between **300mA to 450mA** (depending on the specific manufacturer's thermal limits). * **DC Resistance (DCR):** Low resistance, usually around **0.35Ω to 0.50Ω**, to minimize power loss. * **Self-Resonant Frequency (SRF):** High SRF (often >200 MHz), making it suitable for high-frequency signal processing. * **Q Factor:** Moderate quality factor, ensuring efficient energy storage in resonant circuits. --- ### 3. Key Features and Applications The FSLM2520 series is known for its balance between size and performance. #### Features: * **Wire-wound Construction:** Provides higher current handling and lower DCR compared to multilayer inductors. * **Excellent Solderability:** Designed for reflow soldering with robust terminal strength. * **Compact Footprint:** The 2520 size is ideal for space-constrained PCB designs. #### Common Applications: 1. **RF Circuits:** Used in impedance matching and resonance. 2. **Filtering:** Decoupling and noise suppression in power lines for mobile devices. 3. **Signal Conditioning:** Used in video and communication equipment to maintain signal integrity. 4. **Consumer Electronics:** Found in digital cameras, hard drives, and portable media players. --- ### 4. Part Number Breakdown ```text FSLM 2520 - R47 M | | | | Series Size Inductance Tolerance (e.g., M=20%) (0.47uH) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the FSLM2520 series?
    • ⤷ Can this inductor be used in high-power switching regulators?
    • ⤷ What are the primary differences between ferrite and ceramic core inductors in this size?