Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FSMD010-R

  • AI
    ### Technical Overview: FSMD010-R The **FSMD010-R** is a Surface Mount Device (SMD) **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse. It is widely used in electronic circuits to provide overcurrent and short-circuit protection. --- ### 1. Key Technical Specifications The following table outlines the critical electrical parameters for the FSMD010-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Hold Current** | $I_{hold}$ | 0.10 | Amperes (A) | | **Trip Current** | $I_{trip}$ | 0.30 | Amperes (A) | | **Max Voltage** | $V_{max}$ | 60 | Volts (V) | | **Max Current** | $I_{max}$ | 40 | Amperes (A) | | **Max Power Dissipation** | $P_{d}$ | 0.8 | Watts (W) | | **Package Size** | EIA | 1812 | Inches | --- ### 2. How it Works (Physics of the Part) The FSMD010-R operates based on its resistance-temperature relationship: 1. **Normal State:** The device consists of a non-conductive polymer matrix mixed with conductive carbon black particles. At normal temperatures, these particles form a dense network, providing a **low resistance** path. 2. **Overcurrent State:** When a fault occurs, the high current generates heat ($I^2R$). Once the temperature reaches a critical threshold, the polymer expands. 3. **Tripped State:** The expansion breaks the carbon chains, causing the resistance to increase exponentially. This limits the current to a safe level. 4. **Resetting:** Once the fault is removed and the device cools down, the polymer contracts, reconnecting the carbon paths and returning the fuse to a low-resistance state. --- ### 3. Application Areas * **Computer Peripherals:** Protection for USB ports, keyboards, and mouse interfaces. * **Industrial Controls:** Protection for PLCs and sensors. * **Telecommunications:** Protection against power cross-faults in network equipment. * **Battery Packs:** Charging circuit protection for Li-ion or NiMH batteries. --- ### 4. Implementation Details When designing with the FSMD010-R, keep the following in mind: * **Footprint:** It uses the **1812** surface mount package, measuring approximately 4.5mm x 3.2mm. * **Temperature Derating:** The hold current ($I_{hold}$) decreases as the ambient temperature increases. Always check the derating curve in the datasheet for high-temperature environments. * **Mounting:** It is compatible with standard lead-free reflow soldering processes.
    ✨ Follow-up Questions
    • ⤷ How does the ambient temperature affect the trip time of the FSMD010-R?
    • ⤷ What are the main differences between a PPTC resettable fuse and a standard one-time fuse?
    • ⤷ Can you provide the footprint dimensions for the 1812 package in millimeters?