Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FSMD020-0603-R

  • AI
    The **FSMD020-0603-R** is a surface-mount Resettable PTC (Positive Temperature Coefficient) Fuse, commonly referred to as a **PolySwitch** or **PPTC**. It is manufactured by companies like **Formosa MS** and is designed to protect electronic circuits from overcurrent and short-circuit conditions. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature indicating its footprint and electrical rating. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | FSMD | Formosa Surface Mount Device | | **Hold Current ($I_{hold}$)** | 0.20 A (200mA) | Max current the device can carry without tripping. | | **Package Size** | 0603 (EIA) | Physical dimensions (approx. 1.6 x 0.8 mm). | | **Max Voltage ($V_{max}$)** | 9.0 V - 15.0 V | Maximum voltage the device can withstand. | | **Max Current ($I_{max}$)** | 40 A | Maximum fault current the device can interrupt. | | **Trip Current ($I_{trip}$)** | 0.50 A | Current level at which the device switches to high resistance. | | **Typical Power ($P_d$)** | 0.5 W | Power dissipated when the device is in the tripped state. | --- ### 2. How it Works (PTC Mechanism) Unlike a traditional one-time fuse that "blows" and breaks the circuit permanently, the FSMD020-0603-R is **resettable**: 1. **Normal Operation:** The device has a very low internal resistance, allowing current to flow freely. 2. **Overcurrent Event:** If current exceeds the trip threshold, internal heating causes the polymer structure to expand. 3. **Tripped State:** The expansion breaks the conductive chain, causing resistance to spike and limiting the current to a safe leakage level. 4. **Reset:** Once the fault is removed and the device cools down, the polymer contracts, the conductive paths reconnect, and the fuse "resets" to low resistance. --- ### 3. Physical Dimensions The **0603** footprint is extremely small, making it ideal for compact consumer electronics. * **Length (L):** 1.45 ~ 1.85 mm * **Width (W):** 0.70 ~ 1.05 mm * **Thickness (T):** 0.40 ~ 0.75 mm --- ### 4. Typical Applications Due to its small size and 200mA hold current, this part is commonly found in: * **USB Port Protection:** Protecting peripherals from drawing too much power. * **HDMI/DisplayPort:** Signal line protection. * **Battery Packs:** Safeguarding Li-ion cells against external shorts. * **IoT Devices:** Protecting sensitive sensors and microcontrollers. --- ### 5. Pros and Cons | Advantages | Disadvantages | | :--- | :--- | | **Resettable:** No need for manual replacement after a fault. | **Leakage Current:** Always allows a tiny amount of current even when tripped. | | **Ultra-Small:** Fits in tight PCB layouts (0603). | **Temperature Sensitive:** $I_{hold}$ decreases as ambient temperature rises. | | **Cost-Effective:** Lowers warranty/repair costs by preventing permanent failure. | **Slower Trip Time:** Slower than a standard fast-acting glass fuse. |
    ✨ Follow-up Questions
    • ⤷What is the difference between I-hold and I-trip for this fuse?
    • ⤷ How does ambient temperature affect the performance of the FSMD020-0603-R?
    • ⤷ What are the recommended soldering profiles for 0603 PPTC devices?