Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FSMD020-R

  • AI
    The **FSMD020-R** is a surface-mount (SMD) Resettable Fuse, specifically a **Polymeric Positive Temperature Coefficient (PPTC)** device. It is manufactured by companies like Littelfuse and Bourns (or generic equivalents) and is primarily used for overcurrent protection. --- ## 1. Technical Specifications Below are the primary electrical characteristics for the FSMD020-R: | Parameter | Value | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.20 A (200mA) | The maximum current the device can carry without tripping. | | **Trip Current ($I_{trip}$)** | 0.40 A (400mA) | The minimum current at which the device will switch to high resistance. | | **Max Voltage ($V_{max}$)** | 30V - 60V | The maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 10A - 40A | The maximum fault current the device can safely interrupt. | | **Package Size** | 1812 (Imperial) | Physical dimensions are approx. 4.5mm x 3.2mm. | | **Resistance ($R_{min}$ / $R_{max}$)** | 0.80 $\Omega$ / 5.00 $\Omega$ | The resistance range of the device in its normal state. | --- ## 2. How it Works The FSMD020-R operates on the principle of thermal expansion: 1. **Normal State:** Under normal current ($I_{hold}$), the conductive particles within the polymer form a low-resistance path. 2. **Fault State:** When a short circuit or overcurrent occurs, the internal temperature rises. The polymer expands, breaking the conductive chains. 3. **Tripped State:** Resistance increases dramatically, limiting the current to a safe leakage level. 4. **Resetting:** Once the fault is removed and the device cools down, the polymer contracts, and the device returns to a low-resistance state automatically. --- ## 3. Typical Applications Because of its small 1812 form factor and 200mA hold current, it is commonly found in: * **USB Ports:** Protecting against downstream shorts in peripherals. * **HDMI/Display Ports:** Protecting power lines for active cables. * **Motherboards:** Guarding low-voltage logic circuits. * **Battery Packs:** Preventing excessive discharge or charging currents. --- ## 4. Key Benefits vs. Standard Fuses * **Resettable:** Unlike a standard glass or ceramic fuse, it does not need to be replaced after a single trip event. * **Space Saving:** The 1812 SMD package allows for automated PCB assembly and high-density layouts. * **Solid State:** No moving parts or filaments that can break due to vibration.
    ✨ Follow-up Questions
    • ⤷ What is the difference between I-hold and I-trip in PPTC devices?
    • ⤷ How does ambient temperature affect the performance of the FSMD020-R?
    • ⤷ Can this fuse be used for AC mains voltage protection?