Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FSP-1D-R

  • AI
    The **FSP-1D-R** is a specialized electronic component, typically categorized as a **High-Power RF (Radio Frequency) Switch** or a **Power Supply Peripheral** depending on the specific manufacturer context (most commonly associated with RF communication systems and power sensing). Below is a breakdown of its electronic characteristics and technical functions. ### 1. Technical Specifications Overview The FSP-1D-R is designed for signal routing and power management in high-reliability environments. | Feature | Description | | :--- | :--- | | **Component Type** | Electromechanical / RF Relay Switch | | **Configuration** | SPDT (Single Pole Double Throw) | | **Interface** | TTL Logic Compatible Control | | **Mounting Type** | Through-hole or Connectorized (depending on housing) | | **Material** | Gold-plated contacts for low insertion loss | --- ### 2. Core Electronic Parts and Components The internal architecture of the FSP-1D-R consists of several critical sub-components: #### A. Actuator Mechanism * **The Solenoid Coil:** A copper winding that generates a magnetic field when energized. This moves the internal armature to switch the signal path. * **Permanent Magnets:** Used in "R" (Latching) versions to maintain the switch position without continuous power consumption. #### B. RF Contact System * **Contacts:** Usually made of beryllium copper with gold plating. This ensures high conductivity and prevents oxidation over long periods. * **Transmission Lines:** Precision-engineered paths that maintain a 50-ohm impedance to prevent signal reflection (VSWR). #### C. Control Circuitry * **Damping Diodes:** Often integrated to suppress "back EMF" (voltage spikes) that occur when the coil is de-energized, protecting the driving electronics. * **Logic Gates:** Some variants include internal TTL drivers that allow the switch to be toggled using standard 5V digital signals. --- ### 3. Key Operational Parameters When integrating the FSP-1D-R into a circuit, the following electronic metrics are critical: 1. **Insertion Loss:** The amount of signal power lost when passing through the switch (typically <0.5 dB). 2. **Isolation:** The ability of the switch to prevent signal leakage into the "off" port (typically >60 dB). 3. **Switching Speed:** The time taken for the contacts to move, usually measured in milliseconds (ms). 4. **Operating Voltage:** Standard versions usually operate at **12V DC** or **24V DC**. --- ### 4. Applications * **RF Test Equipment:** Routing signals between different measurement tools. * **Telecommunications:** Redundancy switching for base stations. * **Signal Monitoring:** Diverting a portion of a signal to a sensor for health monitoring. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency range supported by the FSP-1D-R?
    • ⤷ How does the 'Latching' feature in the -R suffix affect power consumption?
    • ⤷ What are the common pinout configurations for this specific model?