Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FSP-2D-R

  • AI
    The **FSP-2D-R** is an ultra-wideband (UWB) microwave phase shifter or signal processing component, typically used in radar systems, telecommunications, and RF laboratory testing. Below is a breakdown of its electronic characteristics and typical components. --- ## 1. Core Electronic Specifications The "FSP-2D-R" usually refers to a **2-way 180° Power Splitter/Combiner** or a specific **Phase Shifter** module (often manufactured by brands like Mini-Circuits or specialized RF vendors). | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Frequency Range** | 10 MHz – 2000 MHz (Varies) | The operational bandwidth for the signal. | | **Phase Accuracy** | ± 2° to ± 5° | The deviation from the ideal 180-degree shift. | | **Insertion Loss** | 0.5 dB – 1.5 dB | Energy lost as heat when the signal passes through. | | **Impedance** | 50 Ohms | Standard RF characteristic impedance. | | **VSWR** | 1.2:1 to 1.5:1 | Voltage Standing Wave Ratio (signal reflection). | --- ## 2. Internal Electronic Design Internally, the FSP-2D-R utilizes passive electronic components to manipulate electromagnetic waves. ### A. Transmission Line Transformers The heart of the device consists of miniature bifilar or trifilar wire-wound transformers. These are wound around **ferrite cores** to provide high magnetic coupling while maintaining a wide bandwidth. ### B. Phase Reversal Circuitry In a 180° splitter/combiner configuration: * The secondary windings of the transformer are connected in a way that one output is in-phase with the input, while the second output is wired in reverse polarity. * This ensures that the two output signals are exactly half a wavelength apart in phase. ### C. Balancing Network To maintain high isolation between the two output ports (typically >20 dB), an internal **isolation resistor** is used. This resistor absorbs any reflected energy caused by imbalances in the load, preventing interference between the paths. --- ## 3. Physical Interfacing The "R" suffix often denotes a specific package style (e.g., **Surface Mount** or **RoHS Compliant**). * **Case Style:** Often a miniature metal or ceramic housing to provide EMI (Electromagnetic Interference) shielding. * **Pins/Terminals:** * **Input Port:** Where the RF signal enters. * **Output 1 (0°):** The reference phase output. * **Output 2 (180°):** The inverted phase output. * **GND:** Common ground pins for signal integrity. --- ## 4. Typical Applications The electronic behavior of the FSP-2D-R makes it suitable for: 1. **Push-Pull Amplifiers:** Driving two transistors with opposite phases to cancel even-order harmonics. 2. **Balanced Mixers:** Combining LO (Local Oscillator) and RF signals while suppressing noise. 3. **Antenna Arrays:** Generating the phase difference required for specific radiation patterns.
    ✨ Follow-up Questions
    • ⤷What is the typical power rating for the FSP-2D-R component?
    • ⤷ How does temperature affect the phase stability of this device?
    • ⤷ Is there a digital version of this phase shifter available for microprocessor control?