Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FSP090-RACM1

  • AI
    The **FSP090-RACM1** is a high-efficiency AC/DC power adapter manufactured by FSP Group. It is primarily designed for high-end laptops, industrial equipment, and medical devices that require a 90W power delivery. --- ### 1. Key Technical Specifications The electrical characteristics define the internal component stress levels and safety ratings. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 90V to 264V AC (Universal) | | **Input Frequency** | 47Hz to 63Hz | | **Output Voltage** | 19V DC | | **Output Current** | 4.74A | | **Total Power** | 90 Watts | | **Efficiency** | >89% (Energy Star Level VI) | --- ### 2. Core Electronic Component Sections The internal circuitry of the FSP090-RACM1 is divided into several functional blocks: #### A. Input & EMI Filtering * **Bridge Rectifier:** Converts AC input to pulsating DC. * **X/Y Capacitors & Common Mode Chokes:** These components filter out Electromagnetic Interference (EMI) to ensure the device complies with FCC and CE standards. * **Thermistor (NTC):** Protects the circuit from high inrush currents when the device is first plugged in. #### B. PFC (Power Factor Correction) Stage * **Active PFC Controller:** Unlike cheaper adapters, this unit uses active PFC to improve the ratio of real power to apparent power, reducing harmonic distortion. * **Power MOSFETs:** High-speed switches used to boost the voltage for the main storage capacitor. #### C. DC-DC Conversion & Regulation * **PWM Controller IC:** The "brain" of the unit that regulates the switching frequency to maintain a steady 19V output regardless of load. * **Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC side. * **Schottky Rectifiers:** Used on the output side for low forward voltage drop, which minimizes heat and maximizes efficiency. --- ### 3. Protection Circuitry The FSP090-RACM1 includes several safety ICs and passive components to protect both the adapter and the connected device: 1. **OVP (Over Voltage Protection):** Shuts down the unit if the output exceeds 19V significantly. 2. **OCP (Over Current Protection):** Prevents damage if the laptop tries to draw more than 4.74A. 3. **OTP (Over Temperature Protection):** Uses internal thermal sensors to shut down the unit if it overheats. 4. **SCP (Short Circuit Protection):** Automatically cuts power if the DC cable or connector is shorted. --- ### 4. Connector Types The specific electronic interface at the end of the cable can vary by sub-model, but typically features: * **Barrel Jack:** Commonly 5.5mm x 2.5mm or 7.4mm x 5.0mm (with center pin). * **Output Cable:** High-quality copper wire with a Ferrite Bead (the plastic cylinder near the tip) to suppress high-frequency noise.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Active and Passive PFC in power adapters?
    • ⤷ Can I use this 19V 4.74A adapter for a device that requires 19V 3.42A?
    • ⤷ How does the efficiency Level VI rating impact power consumption?