Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FSP090-RHCM1

  • AI
    ## Technical Overview of the FSP090-RHCM1 The **FSP090-RHCM1** is a high-efficiency AC-to-DC power adapter manufactured by FSP Group. It is commonly used for high-end laptops, industrial mini-PCs, and networking equipment. Below is a breakdown of its primary electronic specifications and components. ### 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | 19V DC | | **Output Current** | 4.74A | | **Total Power** | 90 Watts | | **Input Voltage Range** | 90V to 264V AC (Universal) | | **Input Frequency** | 47Hz to 63Hz | | **Efficiency Rating** | 88% - 89% (DOE Level VI / ErP Lot 6) | | **Safety Certifications** | UL, CE, TUV, FCC, CCC | --- ### 2. Key Electronic Components & Functions The internal circuitry of the FSP090-RHCM1 consists of several critical stages: * **EMI Filter Stage:** Contains X/Y capacitors and common-mode chokes. These components suppress electromagnetic interference (EMI) to prevent noise from leaking back into the AC power line. * **Bridge Rectifier:** Converts the incoming AC voltage into pulsating DC voltage. * **Active PFC (Power Factor Correction):** This model typically features an active PFC circuit. It utilizes an inductor and a MOSFET to ensure the current waveform matches the voltage waveform, improving energy efficiency and reducing harmonic distortion. * **Switching MOSFETs & PWM Controller:** These act as the "heart" of the adapter, switching the high-voltage DC at high frequencies (typically 65kHz - 100kHz) to be stepped down by the transformer. * **Main Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC output side. * **Output Rectification & Filtering:** Uses Schottky diodes or synchronous rectifiers and low-ESR electrolytic capacitors to smooth the high-frequency pulses into a stable 19V DC output. --- ### 3. Protection Mechanisms The FSP090-RHCM1 is designed with several integrated protection circuits to prevent damage to the connected device: 1. **OVP (Over Voltage Protection):** Shuts down the unit if the output voltage exceeds the safety threshold. 2. **OTP (Over Temperature Protection):** Thermal sensors monitor the heat of internal MOSFETs and shut down the unit if it overheats. 3. **OCP (Over Current Protection):** Limits the output current to prevent the wires or components from melting. 4. **SCP (Short Circuit Protection):** Automatically cuts power if a short circuit is detected on the output DC plug. --- ### 4. Physical Connector (DC Jack) The standard configuration for this model usually features a **5.5mm x 2.5mm** barrel plug (Center Positive), though FSP occasionally produces variants with different tips depending on the OEM manufacturer's requirements.
    ✨ Follow-up Questions
    • ⤷ What is the difference between active and passive PFC in power adapters?
    • ⤷ How can I verify if this adapter is compatible with my specific laptop model?
    • ⤷ What are the common failure symptoms of the FSP090-RHCM1?