Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FST1

  • AI
    The term **FST1** typically refers to a specific component or pin designation depending on the hardware context. In most electronic engineering applications, FST1 is associated with **High-Speed Bus Switches** (specifically the Bus Switch Logic family) or as a **Fast Start/Flash** pin on integrated circuits. --- ### 1. FST Logic Family (Bus Switches) The "FST" prefix (e.g., 74FST3244) stands for **Fast Switch Technology**. These are used to connect two different signal buses with minimal propagation delay. | Feature | Description | | :--- | :--- | | **Function** | Acts as a high-speed electronic bridge between two circuits. | | **Propagation Delay** | Near zero (typically < 250ps) because they are non-buffered switches. | | **Voltage Level** | Often used for voltage translation (e.g., 5V to 3.3V). | | **FST1 Pin** | Usually denotes the first Enable ($\overline{OE}$) or Control pin for the first bank of switches. | --- ### 2. Common FST1 Application: Fairchild/ON Semi Bus Switches In components like the **74FST3257** (a Quad 2:1 Multiplexer/Demultiplexer), the "FST" designation relates to the following internal architecture: * **N-Channel MOSFETs:** The internal "part" is a low-resistance N-channel FET. * **Low Capacitance:** Designed to keep signal integrity high for data buses. * **Hot Insertion:** These parts often support "Hot Swap," meaning the FST1 control line can be toggled while the system is powered. --- ### 3. FST1 as a "Fast Start" or "Fault" Pin In Power Management ICs (PMICs) or Motor Controllers, **FST1** may represent a physical pin for: 1. **Fast Start:** A capacitor connected to this pin determines how quickly the voltage ramps up to avoid inrush current. 2. **Fault Status 1:** In diagnostic chips (like automotive drivers), FST1 is the first output line that goes HIGH or LOW when a short circuit or over-temperature event is detected. --- ### Summary of Specifications If you are looking at a datasheet for an FST-series IC, these are the typical electrical characteristics: ```json { "Part_Type": "Digital Bus Switch", "Typical_Ron": "4 ohms to 8 ohms", "Input_Capacitance": "5pF to 10pF", "VCC_Range": "4.0V to 5.5V", "Switch_Isolation": "-50dB @ 10MHz" } ``` ---
    ✨ Follow-up Questions
    • ⤷Are you referring to a specific 74-series FST logic chip?
    • ⤷ Is FST1 a label on a specific PCB or motherboard you are repairing?
    • ⤷ Do you need the pinout diagram for a specific FST1 labeled component?