Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FST15

  • AI
    The **FST15** generally refers to a specific series of **Field Effect Transistor (FET)** modules or high-speed bus switches, depending on the manufacturer (most commonly associated with Fairchild/onsemi or various power electronics brands). Below is a breakdown of the electronic components and technical characteristics typically associated with the FST15 designation. --- ## 1. Technical Classification The FST15 series is most frequently categorized as a **Bus Switch** or a **Power Schottky Rectifier**, depending on the full part number (e.g., 74FST15 vs. FST150). ### A. Digital Bus Switch (74FST series) In digital logic, the FST15 is a high-speed CMOS TTL-compatible bus switch. | Parameter | Value / Description | | :--- | :--- | | **Propagation Delay** | Near Zero (approx. 0.25ns) | | **On-Resistance ($R_{on}$)** | Very Low (typically 4Ω - 8Ω) | | **Voltage Range** | 4.0V to 5.5V | | **Function** | Connects or isolates two nodes without adding propagation delay. | ### B. Power Rectifier Modules (FST150 series) In power electronics, the FST15 prefix often refers to a Dual Schottky Diode module. | Parameter | Typical Value | | :--- | :--- | | **Current Rating ($I_f$)** | 150 Amps | | **Voltage Rating ($V_{rrm}$)** | 30V - 150V | | **Configuration** | Common Cathode or Center Tap | --- ## 2. Key Electronic Features If we focus on the **Bus Switch (74FST15)** architecture, these are the primary electronic characteristics: 1. **NMOS Pass Transistor:** The core of the device is an N-channel MOSFET that acts as a physical switch between the input and output pins. 2. **Level Shifting:** Some versions allow for voltage translation (e.g., translating 5V signals down to 3.3V). 3. **High Impedance State:** When the output enable (OE) is high, the switch enters a high-impedance state, effectively disconnecting the circuit. 4. **Under-voltage Lockout:** Protects the device during power-up or power-down sequences. --- ## 3. Common Applications * **Memory Interfacing:** Used to switch address/data lines between different memory banks. * **Hot-Swapping:** Allows for plugging in components without powering down the entire system. * **Voltage Translation:** Bridging communication between older 5V logic and newer 3.3V processors. * **Power Management:** (For the FST150 variant) Used in high-frequency switching power supplies and converters. --- ## 4. Pinout Example (Standard 8-pin Layout) ```text +---+--+---+ 1A |1 +--+ 8| VCC 1B |2 | 7| 1OE (Output Enable) 2A |3 | 6| 2B 2B |4 | 5| 2OE (Output Enable) +----------+ ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard buffer and a bus switch like the FST15?
    • ⤷ Can the FST15 be used for bidirectional data transmission?
    • ⤷ What are the thermal management requirements for the FST150 power module?