Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FST24

  • AI
    The **FST24** typically refers to a specific series of high-speed bus switches or multiplexers/demultiplexers. Most commonly, this identifier is associated with the **74FST32244** or **74FST3244** families (often manufactured by companies like IDT, ON Semiconductor, or Fairchild/onsemi). Below is a detailed breakdown of the electronic characteristics and functions of the FST24 series. --- ## 1. Core Functionality The FST24 is a **Bus Switch**. Unlike a standard buffer or logic gate, it acts like a high-speed mechanical switch that can connect or disconnect two signal paths with minimal resistance. ### Key features: * **Low On-Resistance ($R_{on}$):** Usually between $4\Omega$ to $8\Omega$, ensuring minimal signal distortion. * **High Speed:** Near-zero propagation delay (typically < 0.25ns). * **Bidirectional:** Since it is a FET-based switch, data can flow in both directions (A to B or B to A). --- ## 2. Technical Specifications Typical values for an FST24-class device are outlined in the table below: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 4.0V to 5.5V | Standard TTL/CMOS levels. | | **Prop Delay ($t_{pd}$)** | 0.25 ns | Time for signal to cross the switch. | | **Output Current ($I_{out}$)** | 128 mA | High current drive capability. | | **Operating Temp** | -40°C to +85°C | Industrial grade standard. | | **Pin Count** | 20 to 48 pins | Depends on the bit-width (8-bit vs 24-bit). | --- ## 3. Pin Configuration (Example: 8-bit FST3244) In a standard 8-bit configuration, the pins are categorized as follows: 1. **A1–A8:** Input/Output ports (Side A). 2. **B1–B8:** Input/Output ports (Side B). 3. **$\overline{OE}$ (Output Enable):** Active-low pins that control whether the switch is closed (conducting) or open (high-impedance/Hi-Z). 4. **VCC/GND:** Power supply pins. --- ## 4. Common Applications The FST24 series is widely used in high-performance computing and telecommunications for: * **Bus Isolation:** Disconnecting a segment of a data bus to reduce capacitive loading. * **Voltage Level Shifting:** If $V_{CC}$ is limited, it can facilitate translation between 5V and 3.3V systems. * **Hot-Plugging:** Protecting sensitive components when cards are inserted into a live backplane. * **Memory Interleaving:** Switching between different banks of SDRAM or Flash. --- ## 5. Equivalent Logic Representation The internal structure is essentially an N-Channel FET. When the gate is pulled high (via the enable logic), the channel conducts. ```vhdl -- Conceptual Logic for a single channel if (Output_Enable = '0') then B_Port <= A_Port; -- Low impedance connection else B_Port <= 'Z'; -- High impedance (disconnected) end if; ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between an FST bus switch and a standard 74HC buffer?
    • ⤷ How does the FST24 handle 5V to 3.3V level translation?
    • ⤷ What is the typical power consumption of these devices in standby mode?