Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FST40

  • AI
    The **FST40** is a specific designation usually referring to a **Schottky Barrier Rectifier Diode** module, commonly used in high-frequency switching power supplies and industrial power converters. ### 1. Technical Specifications (General) The "40" in the part number typically denotes its average rectified current capacity ($I_{F(AV)}$). Below is a summary of the typical characteristics for an FST40 module: | Parameter | Value (Typical) | Unit | | :--- | :--- | :--- | | **Average Forward Current ($I_F$)** | 40 | Amperes | | **Max. Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 20 – 100 (varies by suffix) | Volts | | **Max. Forward Voltage Drop ($V_F$)** | 0.60 – 0.85 | Volts | | **Operating Temperature Range** | -55 to +150 | °C | | **Reverse Recovery Time ($t_{rr}$)** | Extremely Short (ns) | Nanoseconds | --- ### 2. Key Internal Components and Design The FST40 is not a single transistor but a **Power Module**. Its internal construction includes: * **Schottky Barrier:** Unlike standard PN junction diodes, it uses a metal-to-semiconductor junction. This allows for a very low forward voltage drop and high-speed switching. * **Dual Diode Configuration:** Most FST40 modules (like the FST40100) are "Common Cathode" or "Center Tap" designs, meaning two diodes are housed in one package sharing a middle terminal. * **Isolated Baseplate:** The internal chips are usually mounted on a ceramic substrate (like Alumina or AlN) to provide electrical isolation from the heat sink. --- ### 3. Applications Due to its high efficiency and speed, the FST40 is found in: * **Switching Mode Power Supplies (SMPS):** Used as output rectifiers. * **DC-DC Converters:** For stepping down voltage in industrial equipment. * **Solar Inverters:** To prevent reverse current flow. * **Battery Chargers:** High-current charging circuits. --- ### 4. Circuit Symbol Representation In a schematic, a dual-diode FST40 is represented as follows: ```text (Anode 1) (Anode 2) | | V V --[ Diode ]-- | (Cathode) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between FST4045 and FST40100 models?
    • ⤷ How do you test an FST40 module using a multimeter?
    • ⤷ Why is a Schottky diode preferred over a standard rectifier in SMPS?