Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FST6800WM

  • AI
    The **FST6800WM** is a high-performance, integrated digital temperature and humidity sensor module, often used in industrial automation, HVAC systems, and weather monitoring. It typically integrates a capacitive humidity sensing element and a high-precision temperature sensing element. --- ## 1. Core Electronic Specifications The module is designed for stability and accuracy over long-term deployment. Below are the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | DC 5V to 24V (Commonly used in 12V/24V systems) | | **Output Signal** | RS485 (Modbus-RTU protocol) | | **Temperature Range** | -40°C to +80°C | | **Humidity Range** | 0% to 100% RH | | **Temperature Accuracy** | ±0.3°C to ±0.5°C | | **Humidity Accuracy** | ±2% to ±3% RH | | **Power Consumption** | < 0.1W | --- ## 2. Key Internal Components The "FST" series (often manufactured by companies like Firstrate) relies on specific electronic architectures to ensure industrial reliability: ### A. Sensing Elements * **Polymer Capacitive Humidity Sensor:** Measures humidity by detecting changes in the dielectric constant of a polymer film as it absorbs water vapor. * **PT100/PT1000 or Digital Thermistor:** High-precision resistors that change resistance based on ambient temperature. ### B. Signal Conditioning (ASIC) The raw analog signals from the sensors are processed by an **Application-Specific Integrated Circuit (ASIC)**. This chip performs: * **Analog-to-Digital Conversion (ADC):** Converts voltage/resistance to digital data. * **Calibration:** Applies factory-calibrated coefficients to correct for non-linearity. * **Temperature Compensation:** Adjusts the humidity reading based on the current temperature to maintain accuracy. ### C. Communication Interface The module features a built-in **RS485 Transceiver**. This allows the device to communicate over long distances (up to 1200 meters) using the Modbus-RTU protocol, making it compatible with PLCs, SCADA systems, and industrial IoT gateways. --- ## 3. Wiring and Pinout Standard FST6800 series modules typically use a 4-wire configuration: ```yaml Red: VCC (Power Supply +) Black: GND (Power Ground -) Yellow: RS485-A (Data +) Blue: RS485-B (Data -) ``` --- ## 4. Application Environments Due to its electronic shielding and robust casing, the FST6800WM is suitable for: 1. **Greenhouses:** Monitoring transpiration and growth conditions. 2. **Server Rooms:** Preventing condensation and overheating. 3. **Industrial Drying:** Precise humidity control in manufacturing. 4. **Outdoor Weather Stations:** Using its protective "shroud" or filter to prevent dust contamination.
    ✨ Follow-up Questions
    • ⤷What is the default Modbus baud rate and slave ID for the FST6800WM?
    • ⤷ Does this sensor require a specific pull-up resistor for the RS485 line?
    • ⤷ How does the temperature compensation algorithm work in the ASIC?