Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FST77

  • AI
    The **FST77** typically refers to a high-performance **Fiber Optic Temperature Sensor** or a series of **Speed/Frequency Sensors** used in industrial automation and automotive applications. Below is a breakdown of the electronic components and technical specifications associated with the FST77 series (focusing on the common industrial frequency/speed sensor variant). --- ### 1. Key Technical Specifications The FST77 electronic module is designed to convert physical movement or optical signals into measurable electrical data. | Component/Feature | Description | | :--- | :--- | | **Supply Voltage** | Typically 10V to 30V DC | | **Output Type** | Push-Pull, NPN, or PNP (Application dependent) | | **Frequency Range** | 0 Hz up to 20 kHz | | **Operating Temp** | -40°C to +125°C (Extended range for automotive) | | **Enclosure Rating** | IP67 or IP69K (Waterproof/Dustproof) | --- ### 2. Core Electronic Parts The internal circuitry of an FST77 device generally consists of the following electronic stages: #### A. Sensing Element (The Front-End) * **Hall Effect IC:** If used for speed sensing, it contains a semiconductor that detects magnetic field changes. * **Optical Transceiver:** If used for temperature (Fiber Optic), it contains a Gallium Arsenide (GaAs) crystal or a phosphor tip that reacts to light pulses. #### B. Signal Conditioning Circuitry * **Operational Amplifiers (Op-Amps):** Used to amplify the weak micro-volt signals from the sensor head. * **Schmitt Trigger:** A comparator circuit with hysteresis that converts the analog sine-wave signals into clean, square-wave digital pulses to eliminate noise. #### C. Protection Components * **TVS Diodes:** (Transient Voltage Suppressors) protect the internal chips from voltage spikes (EMC protection). * **Reverse Polarity Protection:** A diode bridge or series diode that prevents damage if the power wires are connected backward. #### D. Output Stage * **Transistors (BJT/MOSFET):** These act as switches to provide the output signal to a PLC (Programmable Logic Controller) or an ECU (Engine Control Unit). --- ### 3. Wiring Configuration Most FST77 sensors use a standard 3-wire or 4-wire color code: 1. **Brown:** Positive Supply (+Vcc) 2. **Blue:** Ground (0V/GND) 3. **Black:** Digital Signal Output (Square wave) 4. **White (Optional):** Inverted Signal or Diagnostic line --- ### 4. Application Logic ```python # Conceptual logic for processing FST77 Frequency Output def calculate_rpm(frequency_hz, pulses_per_rev): if frequency_hz > 0: rpm = (frequency_hz * 60) / pulses_per_rev return rpm return 0 # Example: FST77 detects 1000Hz with a 10-tooth gear # rpm = (1000 * 60) / 10 = 6000 RPM ```
    ✨ Follow-up Questions
    • ⤷ Are you referring to the FST77 temperature sensor or the speed sensor variant?
    • ⤷ What is the specific pinout configuration for your FST77 model?
    • ⤷ How do you interface an FST77 sensor with a micro-controller like an Arduino?