Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FST8045

  • AI
    The **FST8045** is a high-power Schottky Barrier Rectifier diode module, typically designed for high-frequency rectification and power management in industrial environments. It is often configured as a "Common Cathode" center-tap module. --- ### 1. Key Technical Specifications The part number "8045" typically indicates the current and voltage ratings (80 Amperes and 45 Volts). | Parameter | Specification | Description | | :--- | :--- | :--- | | **Average Forward Current ($I_{F(AV)}$)** | 80 Amps | Total current rating for the module. | | **Reverse Voltage ($V_{RRM}$)** | 45 Volts | Maximum repetitive peak reverse voltage. | | **Forward Voltage Drop ($V_F$)** | ~0.60V - 0.70V | Low voltage drop characteristic of Schottky diodes. | | **Operating Temperature** | -55°C to +150°C | Standard industrial/military thermal range. | | **Configuration** | Common Cathode | Two diodes sharing a center terminal. | --- ### 2. Physical Construction and Package The FST8045 usually comes in a **Mini-Mod** or **TO-249** style package. This design is optimized for: * **Heat Dissipation:** It features a flat copper base (mounting plate) to transfer heat directly to a heatsink. * **High Current Terminals:** Large screw terminals or tabs to handle the 80A current flow without melting. --- ### 3. Core Electronic Features 1. **Schottky Barrier Technology:** Unlike standard PN junction diodes, it uses a metal-to-semiconductor barrier. This results in **fast switching speeds** and a **low forward voltage drop**, which increases efficiency. 2. **Guard Ring Protection:** Most FST8045 units include an internal guard ring for stress protection, which improves long-term reliability against high-voltage transients. 3. **Low Thermal Resistance:** Designed to minimize the temperature rise between the junction and the case ($R_{\theta JC}$). --- ### 4. Common Applications Due to its high current and low voltage drop, it is used in: * **Switching Power Supplies (SMPS):** Rectifying the output of high-frequency transformers. * **Battery Chargers:** Preventing reverse current and managing high charging loads. * **Free-Wheeling Diodes:** Used in motor control circuits to protect against inductive spikes. * **Solar Converters:** To minimize power loss during the conversion process. --- ### 5. Equivalent/Alternative Parts If the FST8045 is unavailable, engineers often look for these alternatives with similar 80A/45V specs: * **MBR8045** * **80CPQ045** * **SD125SC45A**
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Common Cathode' configuration in this module?
    • ⤷ How does the power dissipation of the FST8045 compare to a standard silicon diode?
    • ⤷ What are the specific mounting requirements for an 80-Amp rectifier?