Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FT801Q-R

  • AI
    ## FT801Q-R Electronic Overview The **FT801Q-R** is an Embedded Video Engine (EVE) controller developed by FTDI/Bridgetek. It is designed to offload the complexity of driving graphical user interfaces (GUIs) from a system’s microcontroller (MCU) by providing a comprehensive engine for graphics, audio, and touch. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Package** | VQFN-48 (7mm x 7mm) | | **Operating Voltage** | 3.3V (I/O can support 1.8V to 3.3V) | | **Display Resolution** | Up to 512 x 512 pixels | | **Color Support** | 18-bit (262k colors) | | **Touch Interface** | Capacitive Touch (supports up to 5 points) | | **Host Interface** | SPI (up to 30MHz) or I2C | | **Audio** | PWM output for mono audio/beeps | --- ### 2. Functional Blocks The internal architecture is divided into three primary engines that operate simultaneously to reduce MCU overhead: #### A. Graphics Engine Instead of the MCU sending every pixel to the screen (frame buffering), the MCU sends **Display Lists**. * **Object-Oriented:** The engine renders primitives like lines, points, and bitmaps. * **Built-in Widgets:** It has pre-programmed functions for rendering clocks, gauges, keys, and progress bars. * **Anti-aliasing:** Automatically applies smoothing to shapes and fonts. #### B. Touch Engine The FT801 series specifically targets **Capacitive Touch Panels (CTP)**. * It interfaces via a dedicated I2C master port to common touch controllers (like FocalTech or Goodix). * It processes coordinates and provides "Tag" information, allowing the MCU to know which button was pressed without calculating screen coordinates. #### C. Audio Engine * **Sound Synthesizer:** Contains a library of 64 pre-set MIDI-like sounds (beeps, clicks, alarms). * **Audio Playback:** Supports playback of 8-bit PCM and 4-bit ADPCM mono audio files. --- ### 3. Pinout and Connectivity The VQFN-48 package requires careful attention to the following groups: 1. **LCD Interface:** Pins `D0-D5` for Red, Green, and Blue, plus `PCLK`, `DISP`, `HSYNC`, `VSYNC`, and `DE`. 2. **Host Interface:** `MISO/MOSI/SCK/CS` for SPI or `SDA/SCL` for I2C communication with the MCU. 3. **Power:** Multiple `VCC` and `VCCIO` pins. A specific `VOUT12` pin requires a decoupling capacitor for the internal 1.2V regulator. 4. **Touch I2C:** Dedicated `AUX_SCL` and `AUX_SDA` pins to communicate directly with the touch panel. --- ### 4. Application Circuit Block Diagram ```mermaid graph LR MCU[Microcontroller] -- SPI/I2C --> FT801[FT801Q-R] FT801 -- RGB 18-bit --> LCD[TFT Display] FT801 -- I2C Master --> CTP[Capacitive Touch Panel] FT801 -- PWM --> AMP[Audio Amplifier] AMP --> SPK[Speaker] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the FT800 and the FT801 series?
    • ⤷ Can the FT801Q-R drive a 7-inch 800x480 resolution display?
    • ⤷ What software tools are available for designing the UI for this chip?