Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FTC4081-R

  • AI
    The **FTC4081-R** is a high-performance, integrated digital temperature and humidity sensor module. It is frequently used in consumer electronics, HVAC systems, and IoT devices due to its small form factor and low power consumption. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface** | I2C (Inter-Integrated Circuit) | | **Supply Voltage (Vcc)** | 1.8V to 3.6V | | **Humidity Range** | 0% to 100% RH | | **Temperature Range** | -40°C to +85°C | | **Accuracy (Humidity)** | ±3.0% RH (typical) | | **Accuracy (Temp)** | ±0.5°C (typical) | | **Package Type** | DFN (Dual Flat No-lead) | --- ### 2. Internal Electronic Architecture The FTC4081-R is more than just a sensing element; it is a **System-in-Package (SiP)** that contains several critical electronic sub-systems: 1. **Capacitive Humidity Sensor:** A polymer dielectric layer that changes capacitance based on the ambient moisture levels. 2. **Band-gap Temperature Sensor:** A precision semiconductor structure that measures thermal changes. 3. **Analog-to-Digital Converter (ADC):** High-resolution circuitry that converts raw analog signals from the sensors into 12-bit or 14-bit digital data. 4. **Digital Signal Processor (DSP):** An internal logic unit that applies calibration coefficients (stored in ROM) to the raw data to ensure accuracy. 5. **I2C Interface Logic:** Manages communication with external microcontrollers (MCU) using a Serial Data (SDA) and Serial Clock (SCL) line. --- ### 3. Pin Configuration Typically, the FTC4081-R follows a standard 4-6 pin layout (depending on the specific package variant): | Pin Name | Function | Description | | :--- | :--- | :--- | | **VDD** | Power Supply | Input voltage (typically 3.3V) | | **GND** | Ground | Reference point | | **SCL** | Serial Clock | Input clock line for I2C communication | | **SDA** | Serial Data | Bi-directional data line for I2C | --- ### 4. Circuit Implementation Example To integrate this part into a circuit, you generally need two pull-up resistors for the I2C lines and a decoupling capacitor. ```cpp // Pseudocode for reading data from FTC4081-R void readSensor() { Wire.beginTransmission(0x44); // Default I2C Address Wire.write(0x2C); // Command for High Repeatability Wire.write(0x06); Wire.endTransmission(); delay(20); // Wait for conversion Wire.requestFrom(0x44, 6); // Request 6 bytes (Temp + Humidity + CRC) // ... process bytes ... } ``` --- ### 5. Application Areas * **Smart Home:** Thermostats and air purifiers. * **Automotive:** Climate control and cabin humidity monitoring. * **Industrial:** Warehouse environmental logging and cold-chain logistics.
    ✨ Follow-up Questions
    • ⤷What is the specific I2C slave address for the FTC4081-R?
    • ⤷ Does this sensor require a specific pull-up resistor value for the SDA/SCL lines?
    • ⤷ How does the FTC4081-R compare to the SHT3x series in terms of accuracy?