Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FTG-1D-R

  • AI
    The **FTG-1D-R** is an industrial-grade electronic component, typically categorized as a **Trigger Generator** or **Pulse Transformer** module, often used in power electronics for driving thyristors (SCRs) or in specialized discharge circuits. --- ## 1. Core Technical Specifications The electronic architecture of the FTG-1D-R is designed for high-voltage isolation and precise pulse delivery. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Trigger Pulse Generator / Transformer | | **Input Voltage** | Low voltage DC pulse (logic level) | | **Output Type** | High-energy trigger pulse | | **Isolation Voltage** | 2.5kV - 4kV (application dependent) | | **Mounting Type** | PCB Mount (Through-hole) | | **Housing** | Encapsulated / Resin-filled for moisture resistance | --- ## 2. Key Electronic Functions ### A. Galvanic Isolation One of the primary electronic roles of the FTG-1D-R is to provide **electrical isolation** between the sensitive control logic (microcontrollers/PLCs) and the high-power load circuit. This prevents back-EMF or high-voltage spikes from damaging the controller. ### B. Impedance Matching The internal windings act as a matching network to ensure the gate of the power semiconductor (like an SCR) receives sufficient current to overcome the gate-trigger threshold without overloading the signal source. ### C. Pulse Shaping The electronic design ensures a fast **rise time**. In power electronics, a slow trigger can lead to "hot spots" on the semiconductor die; the FTG-1D-R ensures a sharp, decisive pulse to turn the device on fully and instantly. --- ## 3. Circuit Application Example In a standard power control circuit, the FTG-1D-R is positioned as the bridge between the timing circuit and the power switch. ```mermaid graph LR A[Pulse Logic/MCU] --> B[Driver Transistor] B --> C{FTG-1D-R} C --> D[High Power SCR/Thyristor] D --> E[Industrial Load] ``` --- ## 4. Maintenance and Reliability Because these parts are often **potted** (encapsulated in epoxy), they offer high resistance to: * **Vibration:** Critical for industrial machinery. * **Dielectric Breakdown:** Prevents internal arcing. * **Thermal Cycling:** Manages heat dissipation during high-frequency switching. ---
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the FTG-1D-R?
    • ⤷ How does the FTG-1D-R compare to the FTG-1D-A model?
    • ⤷ What is the maximum trigger frequency supported by this module?