Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FTG-42-R

  • AI
    The **FTG-42-R** is a specific model of a **Fine Pitch Flexible Flat Cable (FFC) Connector**, typically manufactured by companies like **Iriso Electronics**. These connectors are designed for high-density electronic applications where space is limited and reliable data transmission is required. --- ### 1. Key Technical Specifications The FTG-42-R series is defined by its mechanical robustness and signal integrity. | Feature | Specification | | :--- | :--- | | **Number of Pins** | 42 Pins | | **Pitch** | 0.5 mm (Fine Pitch) | | **Mounting Type** | Surface Mount (SMT) / Right Angle | | **Locking Mechanism** | Flip-lock (ZIF - Zero Insertion Force) | | **Contact Material** | Copper Alloy (typically Gold or Tin plated) | | **Orientation** | Horizontal / Right Angle | --- ### 2. Main Electronic Characteristics The "electronic parts" or internal components of the connector function to bridge a PCB (Printed Circuit Board) to a flexible ribbon cable. * **ZIF Technology (Zero Insertion Force):** The connector uses a flip-actuator. When the actuator is open, the FFC slides in with no resistance, preventing wear on the delicate metallic traces of the cable. * **Dual Contact Points:** Most "R" suffix models in this series feature contacts that touch the cable from either the top or bottom (or both), ensuring a stable electrical connection even if the cable vibrates. * **Solder Tabs:** These are metallic parts on the side of the housing that are soldered to the PCB ground/pads purely for mechanical strength (strain relief). --- ### 3. Application Use Cases Because of its 42-pin high-density layout, the FTG-42-R is commonly found in: 1. **Display Panels:** Connecting LCD or LED screens to the main controller board. 2. **Medical Equipment:** Used in handheld diagnostic devices where space is at a premium. 3. **Automotive Infotainment:** Connecting touchscreens to the dashboard computer. 4. **Consumer Electronics:** Laptops, cameras, and high-end drones. --- ### 4. Circuit Design Considerations When integrating the FTG-42-R into a schematic or PCB layout, engineers must consider: ```markdown - Trace Impedance: For high-speed data (LVDS), keep traces short and matched. - Footprint Accuracy: The 0.5mm pitch requires high-precision stencil printing to avoid solder bridging. - Cable Thickness: Ensure the FFC cable used matches the specific thickness requirement (usually 0.3mm) for the ZIF lock to engage properly. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per pin for the FTG-42-R?
    • ⤷ Is the FTG-42-R compatible with shielded FFC cables for EMI reduction?
    • ⤷ How does the flip-lock mechanism compare to a slide-lock mechanism in terms of durability?