Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FTG-45-R

  • AI
    The **FTG-45-R** is a specific type of high-performance thermal interface material, typically categorized as a **Thermal Gap Pad** or **Thermal Interface Material (TIM)**. These components are essential in electronics for heat dissipation. --- ### 1. General Specifications The FTG-45-R belongs to a class of reinforced thermal materials designed to fill air gaps between heat-generating components (like CPUs, GPUs, or Power MOSFETs) and heat sinks. | Feature | Description | | :--- | :--- | | **Material Type** | Silicone-based with thermal conductive fillers | | **Reinforcement** | Fiberglass or film-reinforced for high tear resistance | | **Thermal Conductivity** | Typically ranges between 1.0 to 1.5 W/m-K (varies by manufacturer) | | **Operating Temp** | -40°C to +200°C (standard range) | | **Hardness** | Soft/Compressible (Shore 00 scale) | --- ### 2. Key Electronic Properties #### A. Dielectric Strength The "FTG" series is generally designed to be **electrically insulating**. This prevents short circuits when the pad is compressed against exposed PCB traces or electronic pins. * **Typical Breakdown Voltage:** > 5kV/mm. #### B. Thermal Impedance The primary function is to minimize thermal resistance. The "45" in the part number often refers to the thickness (e.g., 0.045 inches or a specific density metric depending on the brand). Lower thermal impedance allows faster heat transfer from the component to the cooling solution. #### C. Compliance and Stress Relief Because the material is soft, it acts as a mechanical shock absorber. This is critical for protecting delicate electronic solder joints from mechanical stress during thermal expansion and contraction cycles. --- ### 3. Structural Composition The internal structure of the part is engineered for durability: 1. **Top Layer:** Naturally tacky surface for easy assembly. 2. **Middle Core:** Fiberglass mesh reinforcement to prevent the pad from stretching or tearing during installation. 3. **Bottom Layer:** Release liner for protection before application. --- ### 4. Common Applications * **Power Electronics:** Power supplies, motor controllers, and converters. * **Consumer Electronics:** Laptops, gaming consoles, and LED lighting modules. * **Automotive:** Electronic Control Units (ECUs) and battery management systems. --- ### 5. Part Number Breakdown (Typical) While manufacturers vary (such as Fujipoly or Laird), the code usually follows this logic: ```text F - Flexible / Fiberglass T - Thermal G - Gap Filler 45 - Thickness (0.045" / 1.14mm) R - Reinforced / RoHS Compliant ```
    ✨ Follow-up Questions
    • ⤷ What is the exact thermal conductivity rating for the FTG-45-R?
    • ⤷ How does fiberglass reinforcement affect the thermal performance compared to non-reinforced pads?
    • ⤷ Can the FTG-45-R be custom-cut for specific PCB layouts?