Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FTG-70-R

  • AI
    The **FTG-70-R** is a specific electronic component primarily categorized as a **Surface Mount (SMD) Gas Discharge Tube (GDT)**. These components are designed to protect sensitive electronic equipment from voltage transients caused by lightning or power surges. --- ### 1. Key Technical Specifications The following table highlights the critical electrical characteristics of the FTG-70-R: | Feature | Specification | Description | | :--- | :--- | :--- | | **DC Spark-over Voltage** | 70V (±20%) | The voltage at which the device begins to conduct. | | **Impulse Discharge Current** | 2kA (8/20μs) | The maximum surge current the device can handle. | | **Insulation Resistance** | > 1 GΩ | Resistance when the device is in a non-conducting state. | | **Capacitance** | < 0.5 pF | Extremely low, making it suitable for high-speed data lines. | | **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. | --- ### 2. Physical and Material Properties * **Construction:** It consists of two electrodes enclosed in a ceramic or glass cylinder filled with a specific noble gas mixture. * **Form Factor:** Usually follows standard SMD sizing (like 4532 or 3216 metric) to fit compact circuit boards. * **RoHS Compliance:** The "R" in the suffix often denotes compliance with environmental standards (Restriction of Hazardous Substances). --- ### 3. Functional Mechanism The FTG-70-R operates as a high-speed switch: 1. **Normal State:** It acts as an open circuit with high impedance, invisible to the signals passing through. 2. **Surge Event:** When the voltage exceeds 70V, the gas inside ionizes (turns into plasma). 3. **Protection:** The ionized gas creates a low-resistance path, shunting the excess current to the ground and protecting downstream components. 4. **Reset:** Once the voltage drops below the "hold" level, the gas de-ionizes and the device returns to its high-impedance state. --- ### 4. Common Applications Due to its low capacitance and reliable switching, it is frequently used in: * **Telecommunications:** Protection for ADSL/VDSL lines. * **Networking:** Ethernet ports and signal lines. * **Consumer Electronics:** Power supplies and set-top boxes. * **Industrial:** Protection for RS-485 or CAN bus interfaces.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Gas Discharge Tube and a TVS Diode for surge protection?
    • ⤷ How do I calculate the correct spark-over voltage for my circuit?
    • ⤷ Can the FTG-70-R be used in AC power line filtering?