Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FTG-7B-R

  • AI
    The **FTG-7B-R** is a specific model of a **Spark Gap Protector** (Gas Discharge Tube or GDT) manufactured by **Mitsubishi Electric**. It is primarily used as a high-voltage protection component in power electronics and heavy industrial applications. --- ## 1. Core Technical Specifications The FTG-7B-R is designed to shunt high-voltage transients to the ground to protect sensitive internal components. | Parameter | Specification (Typical) | |:---|:---| | **DC Spark-over Voltage** | 700V (±15% to 20%) | | **Impulse Discharge Current** | 10kA to 20kA (8/20μs wave) | | **Insulation Resistance** | > 100 MΩ | | **Capacitance** | < 5 pF (Very low signal distortion) | | **Mounting Type** | Radial Lead / Through-hole | --- ## 2. Key Electronic Features ### A. Gas Discharge Technology Inside the ceramic or glass housing, two electrodes are separated by an inert gas. When a high voltage (exceeding 700V) hits the device, the gas ionizes and turns into a highly conductive plasma arc, effectively "shorting" the surge to ground. ### B. High Current Handling Unlike Varistors (MOVs) which dissipate energy as heat, the FTG-7B-R can handle extremely high impulse currents (up to **20,000 Amperes** for short durations) without immediate destruction. ### C. Low Capacitance One of its primary advantages is its near-zero capacitance. This makes it ideal for high-speed data lines or RF circuits where a standard surge protector would interfere with the signal frequency. --- ## 3. Common Applications The FTG-7B-R is typically found in the following electronic environments: * **Power Supply Units (PSUs):** Protection against lightning strikes on input AC lines. * **Motor Drives/Inverters:** Used in Mitsubishi HVAC or elevator control boards to prevent damage from back-EMF or grid surges. * **Telecommunications:** Protecting outdoor equipment from atmospheric static or lightning induced surges. * **Railway Systems:** Ensuring signaling equipment remains functional during power fluctuations. --- ## 4. Typical Circuit Integration In a professional protection circuit, the FTG-7B-R is often used in a "Hybrid" configuration: ```mermaid graph LR LineIn(AC Line) --> GDT(FTG-7B-R) GDT --> Ground(Earth) LineIn --> Resistor/Inductor --> MOV(Varistor) MOV --> Sensitive_Circuit ``` *Note: The GDT acts as the "primary" coarse protection, while an MOV (Metal Oxide Varistor) handles the "fine" voltage clamping.*
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FTG-7B-R and a standard MOV?
    • ⤷ How do I test if an FTG-7B-R is still functional using a multimeter?
    • ⤷ Does the 'R' suffix indicate RoHS compliance or a specific lead configuration?