Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FTG-U2-R

  • AI
    ## Technical Analysis: FTG-U2-R (Industrial Fan/Motor Controller) The **FTG-U2-R** is a specific industrial electronic component, typically identified as a **Speed Controller or Logic Interface Module** for AC/DC cooling fans (often associated with brands like Sanyo Denki or Nidec). It acts as a bridge between a system's control signals and the physical motor. --- ### 1. Key Electronic Functions The FTG-U2-R serves three primary electronic roles: | Function | Description | | :--- | :--- | | **PWM Signal Conversion** | Converts low-voltage logic signals (from a motherboard or PLC) into high-current pulses to drive the fan motor. | | **Tacho (FG) Feedback** | Processes the Frequency Generator (FG) signal from the fan to report the actual RPM back to the host system. | | **Fail-Safe Monitoring** | Detects locked-rotor conditions or fan failures and triggers an alarm/relay response. | --- ### 2. Core Internal Components While the specific internal PCB layout is proprietary, the device consists of these standard electronic blocks: * **Microcontroller/Logic IC:** Interprets the input PWM duty cycle and determines the output voltage/frequency. * **Optocouplers:** Provides electrical isolation between the control circuit (low voltage) and the motor power circuit (high voltage) to prevent damage during a surge. * **Switching MOSFETs:** High-speed transistors that handle the actual power switching to the fan. * **Voltage Regulators:** Steps down the input power to supply the internal logic chips (usually 5V or 3.3V). --- ### 3. Connection Interface The "U2-R" designation usually refers to the wiring configuration. Below is a typical pinout for these types of modules: 1. **VCC (Power):** Main DC input (typically 12V, 24V, or 48V depending on model). 2. **GND (Ground):** Common return path. 3. **PWM Input:** Receives the speed control signal (0-5V or 0-10V). 4. **FG/Tacho Output:** Pulse output representing fan speed. 5. **Alarm/RD Output:** A "Locked Rotor" detection signal (logic high/low or Open Collector). --- ### 4. Technical Specifications (General) * **Enclosure:** Often a DIN-rail mountable or compact plastic housing. * **Input Impedance:** High impedance for low-current control signals. * **Operating Temp:** Industrial grade (-10°C to +60°C). * **Response Time:** Millisecond-range reaction to speed changes. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage rating for your FTG-U2-R unit?
    • ⤷ Do you need a wiring diagram for connecting the PWM signal?
    • ⤷ Are you troubleshooting a specific failure or 'Locked Rotor' alarm?