AI

## Detailed Overview: FTR-K3JB024W-NIL
The **FTR-K3JB024W-NIL** is a specialized power relay manufactured by **Fujitsu Components**. It belongs to the FTR-K3 series, which is designed for high-current switching applications, particularly in the energy and industrial sectors.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Contact Arrangement** | 1 Form A (SPST-NO) |
| **Rated Coil Voltage** | 24V DC |
| **Contact Rating** | 25A (Resistive) / 250V AC |
| **Max. Switching Power** | 6,250 VA |
| **Contact Material** | Silver Tin Oxide (AgSnO2) |
| **Coil Power Consumption** | Approx. 780 mW |
| **Dielectric Strength** | 5,000V AC (between coil and contacts) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Characteristics
* **High Power Capacity:** Capable of switching up to **25 Amperes**, making it suitable for heavy loads like heaters, motors, and power supplies.
* **Safety Compliance:** Designed with a 1.6mm contact gap (in certain sub-models) and high insulation resistance to meet international safety standards (UL, VDE).
* **Sealing:** The "W" in the part number typically indicates a plastic sealed construction, protecting the internal components from dust and flux during the soldering process.
* **Energy Efficiency:** Despite its high switching capacity, it maintains a relatively low power consumption for the coil.
---
### 3. Pinout and Internal Diagram
While the physical layout is a standard Through-Hole (THT) package, the internal logic is simple:
```text
[Coil Pin 1] ----( Coil )---- [Coil Pin 2]
[Contact Pin A] ----[ / ]---- [Contact Pin B]
(Switch)
```
---
### 4. Typical Applications
The FTR-K3 series is frequently found in the following environments:
1. **Solar Inverters:** Used for grid connection and safety disconnection.
2. **EV Charging Stations:** Handling high-current AC paths.
3. **HVAC Systems:** Controlling compressors and heavy-duty fans.
4. **Smart Grids:** Power management and distribution modules.
- ⤷
What are the equivalent alternatives to the FTR-K3JB024W-NIL?
- ⤷ Can this relay be used for DC load switching above 30V?
- ⤷ What is the mechanical life expectancy of this relay?