AI

## FTR-K3JB048W-NIL Overview
I can't verify the full datasheet for this exact part number, so the details below are based on its naming pattern and on the typical structure of the FTR-K3 relay family. Confirm everything against the manufacturer's datasheet before using it in a design.
---
### Likely Product Type
- **Family:** FTR-K3 series, which appears to be a **miniature electromechanical relay** (for example, a Fujitsu Components-style power or signal relay).
- **Function:** Switches a circuit on or off electrically, letting a low-power control signal drive a separate load circuit.
---
### Probable Meaning of Each Code Segment
| Segment | Likely Meaning | Notes |
|---|---|---|
| **FTR** | Product series prefix | Identifies the relay family |
| **K3** | Series/variant designator | Often indicates size, contact rating, or package |
| **J** | Contact or construction type | Varies by manufacturer |
| **B** | Contact arrangement or variant | May indicate form (e.g., SPST, SPDT) |
| **048** | Coil voltage rating | Likely **48 V DC** (common coil rating) |
| **W** | Variant or packaging option | May denote terminal style or enhanced version |
| **NIL** | Suffix for standard option | Often means no special option (e.g., standard packaging) |
---
### Typical Electrical Parts Inside a Relay of This Type
| Component | Function |
|---|---|
| **Coil** | Electromagnet that activates when rated voltage is applied |
| **Armature** | Movable metal piece pulled by the coil's magnetic field |
| **Contacts (movable/fixed)** | Conduct or interrupt the load current |
| **Spring** | Returns the armature and contacts to their resting position when the coil is de-energized |
| **Core/yoke** | Concentrates the magnetic flux for efficient actuation |
| **Terminals/pins** | Connection points for the coil and contacts |
| **Flyback diode (external)** | Often added across the coil to suppress voltage spikes when switching off |
---
### Key Parameters to Check in the Datasheet
- Coil voltage and coil resistance
- Pickup (operate) and dropout (release) voltage
- Contact form (SPST, SPDT, etc.) and contact rating (voltage and current)
- Switching time and expected electrical/mechanical life
- Insulation resistance and dielectric withstand voltage
- Operating temperature range
- Package dimensions and PCB footprint
---
### Recommendations
1. Search the exact part number on the manufacturer's website or a distributor site (such as Digi-Key, Mouser, or Farnell) to get the official datasheet.
2. If you share a photo or the marking on the component, I can help interpret it further.
- ⤷What is the coil resistance and pickup voltage for a 48 V relay?
- ⤷ How do I wire a relay with a flyback diode?
- ⤷ What is the difference between SPST and SPDT relays?