Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FTS-23-R/Q

  • AI
    The **FTS-23-R/Q** is a specific series of high-precision electronic components, typically associated with **Temperature Compensated Crystal Oscillators (TCXOs)** or specialized **Frequency Standards**. These parts are designed to provide a highly stable clock signal for telecommunications, navigation, and synchronized systems. --- ## 1. Technical Specifications The "R/Q" suffix usually denotes specific variations in stability, output type, or temperature range. Below is a breakdown of the typical electronic characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) | | **Standard Frequency** | Commonly 10.0 MHz or 20.0 MHz | | **Stability vs. Temp** | $\pm$0.1 ppm to $\pm$0.5 ppm | | **Supply Voltage** | 3.3V or 5.0V DC | | **Output Waveform** | CMOS or Clipped Sine Wave | | **Operating Temp Range** | -40°C to +85°C (Industrial Grade) | --- ## 2. Key Internal Electronic Parts The FTS-23 series is an integrated module containing several critical sub-components: ### A. The Quartz Resonator The heart of the device. It is a precision-cut quartz crystal that vibrates at a specific frequency when voltage is applied. In the "R/Q" series, these are often "SC-cut" or high-Q "AT-cut" crystals to minimize aging. ### B. Compensation Network (The "TC" in TCXO) Unlike a standard oscillator, the FTS-23 contains a **Temperature Sensor** and a **Compensation Circuit** (often an ASIC or a thermistor network). This circuit senses the ambient temperature and applies a correction voltage to a **Varactor Diode** to pull the crystal frequency back to its nominal value, counteracting thermal drift. ### C. Voltage Regulator Internal LDO (Low Dropout) regulators are often included to ensure that fluctuations in the input power supply do not affect the frequency stability (Phase Noise). --- ## 3. Pinout and Integration Standard FTS-23 modules typically follow a 4-pin or 6-pin DIP/SMD footprint: 1. **Vcc:** Positive power supply. 2. **GND:** Ground reference. 3. **Output:** The high-frequency clock signal. 4. **Voltage Control (Vc):** (Optional) Used for fine-tuning the frequency via an external analog voltage. --- ## 4. Common Applications * **Base Stations:** Providing the heartbeat for LTE/5G small cells. * **GPS Receivers:** Fast satellite acquisition requires high frequency stability. * **Test Equipment:** Used in frequency counters and signal generators. * **Packet Timing:** Used in SyncE (Synchronous Ethernet) applications.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' variants in this specific series?
    • ⤷ How does the phase noise of the FTS-23 compare to a standard OCXO?
    • ⤷ Can the FTS-23 be used in space-grade or high-radiation environments?