Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FTS-44-R/Q

  • AI
    The **FTS-44-R/Q** is a high-precision, space-qualified Rubidium Atomic Frequency Standard (RAFS). It is primarily designed for satellite applications, such as GNSS (Global Navigation Satellite Systems) and deep-space communications, where extreme stability and reliability are required. ### 1. Core Technical Specifications The device functions as a master clock, providing a stable frequency output by locking a quartz crystal oscillator to the ground-state hyperfine transition of Rubidium-87 atoms. | Feature | Specification (Typical) | | :--- | :--- | | **Atomic Species** | Rubidium-87 ($^{87}$Rb) | | **Output Frequency** | 10 MHz (Standard) | | **Short-Term Stability** | $\le 2 \times 10^{-12}$ at $\tau = 1$ sec | | **Aging Rate** | $\le 5 \times 10^{-11}$ per month | | **Operating Temperature** | -20°C to +60°C | | **Supply Voltage** | +28V DC (Typical for Spacecraft) | --- ### 2. Major Electronic Subsystems The FTS-44-R/Q consists of several critical electronic and physical modules integrated into a single hermetic package: #### A. Physics Package (The Core) * **Rubidium Lamp:** An electrodeless discharge lamp (EDL) driven by an RF exciter. It produces the specific light frequency required for optical pumping. * **Absorption Cell:** Contains $^{87}$Rb vapor and a buffer gas. * **Photodetector:** Measures the intensity of light passing through the cell to detect the atomic resonance. * **Microwave Cavity:** A resonant structure where the atoms interact with a microwave signal (approx. 6.834 GHz). #### B. Servo & Control Electronics * **Lock Loop Logic:** A feedback circuit that compares the photodetector output to the frequency of the Quartz oscillator. If a drift is detected, the electronics adjust the oscillator voltage. * **C-Field Controller:** Precise DC current control used to fine-tune the magnetic field within the physics package, allowing for minute frequency adjustments. * **Lamp/Cell Heaters:** High-precision thermal control circuits that maintain the physics package at a constant temperature (usually within $\pm 0.01^\circ C$) to minimize thermal drift. #### C. RF Generation * **VCXO (Voltage Controlled Crystal Oscillator):** The primary source of the output signal. Its stability is "disciplined" by the atomic transition. * **Frequency Multiplier Chain:** Converts the VCXO's base frequency up to the microwave frequency (6.8 GHz) needed to interrogate the Rubidium atoms. --- ### 3. Reliability and Space Qualification The "R/Q" designation often refers to **Radiation-Hardened** and **Qualified** components. * **Radiation Hardening:** The internal semiconductors (ICs, MOSFETs) are selected to withstand Total Ionizing Dose (TID) and Single Event Effects (SEE) common in the space environment. * **Redundancy:** These units often feature redundant telemetry outputs for monitoring health (lamp voltage, crystal drive, etc.) from a ground station. --- ### 4. Typical Connection Interface The electronic interface usually follows a standard circular military-grade or space-grade connector: ```markdown Pin Mapping (Conceptual): 1. Power (+28V DC) 2. Power Return (GND) 3. 10 MHz RF Output 4. Telemetry (Lamp Voltage) 5. Telemetry (Lock Status) 6. Frequency Adjust (Analog/Digital) ```
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the R and Q variants of this Rubidium standard?
    • ⤷ How does the FTS-44-R/Q handle the 'Single Event Upset' (SEU) in space environments?
    • ⤷ What is the typical power consumption of this unit during the warm-up phase versus steady-state?