Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FTS-4F-R

  • AI
    The **FTS-4F-R** is an electronic component, specifically a **four-pole (4-pole) feedback terminal strip or relay socket component**, commonly used in industrial automation and safety systems. It is part of the FTS series often associated with safety relay modules. --- ### 1. General Specifications The FTS-4F-R is designed to provide secure electrical connections and feedback loops for safety-related circuits. | Feature | Description | | :--- | :--- | | **Component Type** | Terminal Strip / Relay Base Accessory | | **Number of Poles** | 4-Pole | | **Mounting Type** | Typically DIN Rail or PCB Mount (model dependent) | | **Standard Compliance** | Designed for safety categories (e.g., SIL 3, PLe) | | **Material** | High-grade flame-retardant plastic | --- ### 2. Key Electronic Functions The "FTS" designation usually refers to **Force-Guided Terminal Systems** or **Feedback Terminal Strips**. Here are the primary electronic roles: * **Feedback Monitoring:** The "F" in the part number often indicates a "Feedback" capability. It ensures that the state of the relay (Open/Closed) is communicated back to a safety controller. * **Force-Guided Contacts:** Used in conjunction with safety relays where contacts are mechanically linked. If one contact welds, the other cannot change state, preventing a dangerous failure. * **Galvanic Isolation:** Provides physical and electrical separation between the control signal (low voltage) and the load (high voltage). --- ### 3. Connection Pinout Structure While specific wiring depends on the host module, a 4-pole configuration typically follows this logic: | Pin Set | Function Type | Purpose | | :--- | :--- | :--- | | **1-2** | Normally Closed (NC) | Feedback Loop / Monitoring | | **3-4** | Normally Open (NO) | Safety Output 1 | | **5-6** | Normally Open (NO) | Safety Output 2 | | **7-8** | Auxiliary/Common | Status Signaling | --- ### 4. Application Areas These parts are critical in environments where machine failure could lead to injury: 1. **Emergency Stop Circuits:** Ensuring the power is cut when a button is pressed. 2. **Light Curtains:** Processing signals from optical safety barriers. 3. **Gate Interlocks:** Monitoring the status of safety doors on CNC or robotic cells. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage and current rating for the FTS-4F-R contacts?
    • ⤷ Is the FTS-4F-R compatible with standard 35mm DIN rails?
    • ⤷ How does a force-guided contact differ from a standard relay contact in this component?