Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FTS-4G-R

  • AI
    The **FTS-4G-R** is a specialized electronic component commonly used in precision frequency control and timing applications. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Overview of the FTS-4G-R The FTS-4G-R typically refers to a **GPS-Disciplined Oscillator (GPSDO)** or a high-stability **Frequency and Time System** module. Its primary purpose is to provide an ultra-stable frequency reference by locking an internal quartz or rubidium oscillator to the atomic clock signals transmitted by GPS satellites. --- ### 2. Key Electronic Specifications The performance of the FTS-4G-R is defined by its stability and signal integrity. | Feature | Specification Details | | :--- | :--- | | **Output Frequency** | Usually 10 MHz (Sine wave or CMOS) | | **Timing Accuracy** | < 50ns to UTC (locked to GPS) | | **Short-term Stability** | Typically $1 \times 10^{-11}$ at 1 second | | **Holdover Stability** | < 10µs per 24 hours (if GPS signal is lost) | | **Power Supply** | Usually 5V or 12V DC | | **Communication Interface** | RS-232 / UART for NMEA data and status | --- ### 3. Internal Component Architecture The module consists of several critical electronic subsystems: 1. **GPS Receiver Engine:** Processes signals from L1 C/A satellites to extract precise Time-of-Day (ToD) and 1PPS (Pulse Per Second) signals. 2. **Phase-Locked Loop (PLL):** A digital control loop that compares the internal oscillator's frequency against the GPS 1PPS. 3. **Local Oscillator:** Usually a **VCTCXO** (Voltage-Controlled Temperature-Compensated Crystal Oscillator) or an **OCXO** (Oven-Controlled Crystal Oscillator) which acts as the flywheel. 4. **Microcontroller (MCU):** Manages the "disciplining" algorithm, adjusting the control voltage of the oscillator to minimize drift. --- ### 4. Connectivity and Pinout Logic While specific pinouts vary by manufacturer (often associated with brands like Furuno or Connor-Winfield), the standard logic involves: * **VCC/GND:** Power input. * **Antenna Input:** SMA or U.FL connector for an active/passive GPS antenna (providing ~3.3V DC bias). * **1PPS Output:** A physical pulse precisely aligned with the start of every UTC second. * **Frequency Output:** The primary stable 10 MHz reference signal. * **Lock Status:** A digital high/low pin indicating if the system is successfully disciplined. --- ### 5. Common Applications * **Telecommunications:** Synchronizing base stations (4G/5G LTE) to prevent interference. * **Power Grids:** Synchronizing "Phasor Measurement Units" (PMUs) across wide geographic areas. * **Broadcast:** Providing a reference clock for digital radio and TV transmitters.
    ✨ Follow-up Questions
    • ⤷ What is the difference between OCXO and TCXO oscillators in GPSDO systems?
    • ⤷ How does 'Holdover Mode' work if the GPS antenna is disconnected?
    • ⤷ What are the power consumption requirements for the FTS-4G-R module?