Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FTS-65-R

  • AI
    The **FTS-65-R** typically refers to a high-performance **Fiber Optic Thermal Stripper** or a specific high-frequency **RF/Coaxial connector component** depending on the manufacturer (most commonly associated with fiber preparation tools or specialized interconnects). Below is an explanation of the electronic and functional components based on its primary application as a **Thermal Fiber Stripper**. --- ## 1. Core Component Breakdown The FTS-65-R is an electronic tool designed to remove buffers and coatings from optical fibers using heat. Its electronic architecture focuses on precise thermal management. | Component | Description | Function | | :--- | :--- | :--- | | **Heating Element** | High-resistance alloy heater | Generates controlled localized heat to soften fiber coatings (e.g., Acrylate). | | **Thermistor/Sensor** | NTC or PT100 feedback sensor | Monitors the blade temperature to prevent overheating or fiber damage. | | **Control Circuitry** | Microprocessor-based PCB | Manages the PWM (Pulse Width Modulation) to maintain a steady temperature. | | **Power Interface** | DC Input (typically 12V) | Connects to an external AC/DC adapter or a battery pack. | | **LED Indicators** | Status Diodes | Communicate "Heating," "Ready," and "Low Battery" states to the user. | --- ## 2. Technical Specifications (Typical) Electronic thermal strippers like the FTS-65-R adhere to strict tolerances to ensure the glass cladding of the fiber is not nicked. * **Operating Voltage:** 12V DC. * **Warm-up Time:** Approximately 3 to 5 seconds. * **Temperature Settings:** Usually preset to ~130°C to 150°C (depending on coating type). * **Current Draw:** Peak during heating is roughly 1.5A - 2.0A. --- ## 3. Operating Principle 1. **Power Initiation:** When switched on, the internal PCB triggers the **Heating Element**. 2. **Closed-Loop Feedback:** The **Temperature Sensor** sends real-time data to the controller. If the temperature exceeds the limit, the controller reduces the duty cycle of the power signal. 3. **Thermal Stripping:** The heated blades soften the plastic coating of the fiber, allowing the mechanical part of the tool to slide the coating off without applying excessive stress to the glass core. --- ## 4. Maintenance and Safety * **Blade Cleaning:** Use Isopropyl Alcohol (IPA) to remove melted residue from the heating plates. * **ESD Safety:** Modern versions are often built with ESD-safe materials to prevent static discharge from damaging sensitive electronic environments.
    ✨ Follow-up Questions
    • ⤷ What are the power requirements for the FTS-65-R adapter?
    • ⤷ How do you replace the heating element in this device?
    • ⤷ Is there a difference between the FTS-65-R and the FTS-65-S models?