Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FTS-70-R/Q

  • AI
    Based on the component designation, the **FTS-70-R/Q** series typically refers to high-precision, oven-controlled or temperature-compensated timing components (often crystals or oscillators) used in telecommunications and navigation. Below is a breakdown of the electronic characteristics and specifications associated with this part series. --- ### 1. General Specifications The FTS (Frequency Time Standard) series is designed for stability. The "70" generally refers to the physical package size or a specific design iteration, while the suffixes "R" and "Q" denote specific performance grades or output types. | Feature | Description | | :--- | :--- | | **Component Type** | Crystal Oscillator (TCXO or OCXO) | | **Primary Function** | Frequency generation and timing synchronization | | **Frequency Range** | Typically 10 MHz to 100 MHz (Varies by sub-model) | | **Stability** | High precision (measured in Parts Per Billion - PPB) | | **Voltage Supply** | Usually 3.3V or 5.0V DC | ### 2. Key Electronic Parameters These parts are engineered to minimize frequency "drift" caused by environmental changes. * **Temperature Stability:** Designed to maintain a consistent frequency even as the ambient temperature fluctuates between -40°C and +85°C. * **Phase Noise:** Extremely low phase noise, which is critical for RF (Radio Frequency) up-converters and down-converters to prevent signal interference. * **Aging Rate:** Low aging characteristics, meaning the frequency stays accurate over several years of operation. ### 3. Suffix Definitions (R/Q) In electronic component nomenclature, these letters often signify: * **R (RoHS Compliant):** Indicates the part is lead-free and meets environmental safety standards. * **Q (Qualification/Quality):** Often refers to Automotive grade qualification (like AEC-Q100/200) or a specific "High-Q" factor for the internal crystal resonator, which results in sharper frequency selection. --- ### 4. Common Applications Due to their high stability, the FTS-70 series is found in: 1. **Base Stations:** Synchronizing timing for 4G/5G cellular networks. 2. **GPS/GNSS Receivers:** Providing the local clock reference for satellite positioning. 3. **Test & Measurement:** Internal clocks for oscilloscopes and signal generators. 4. **Aerospace:** Communication systems requiring ruggedized, stable timing. --- ### 5. Circuit Integration Example When integrating this part into a PCB, engineers typically follow this layout logic: ```c // Typical Pin Configuration (Internal logic) 1. Vcc // Power Supply (Positive) 2. GND // Ground Reference 3. Output // Square Wave or CMOS Output Signal 4. Control // Voltage Control (for VCTCXO variants) ```
    ✨ Follow-up Questions
    • ⤷What is the specific frequency of the FTS-70-R model?
    • ⤷ How does an OCXO differ from a TCXO in terms of power consumption?
    • ⤷ Is the FTS-70 series compatible with 3.3V CMOS logic?