Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FTS-NB-R/BL

  • AI
    The **FTS-NB-R/BL** (often associated with high-performance racing or industrial safety systems) typically refers to a **Fuel Tank Sensor** or a **Level Switch** assembly, often utilizing a magnetic float or capacitive technology for fluid detection. --- ### 1. Core Component Breakdown The electronic architecture of this part is designed for high reliability in harsh environments. | Component | Description | Function | | :--- | :--- | :--- | | **Reed Switch / Hall Effect** | The internal sensing element. | Detects the presence of the magnetic float to trigger a signal. | | **Magnetic Float** | A buoyant ring with internal magnets. | Moves along the shaft to actuate the internal electronics. | | **Resistor Network** | Internal surface-mount resistors (SMD). | Provides specific Ohm values (e.g., 0-190Ω or 240-33Ω) for gauge compatibility. | | **Potting Compound** | Epoxy resin or silicone. | Protects internal circuitry from vibration, moisture, and fuel corrosion. | --- ### 2. Technical Specifications Most iterations of the R/BL series follow these electronic parameters: * **Operating Voltage:** Typically 12V or 24V DC (Compatible with automotive/marine systems). * **Output Signal:** Analog resistive output (Standardized for fuel gauges). * **Wiring Configuration:** * **Red/Positive:** Power supply (if active). * **Black/Blue (R/BL):** Signal return/Ground. * **IP Rating:** Usually **IP67/IP68**, ensuring the internal electronics are hermetically sealed against fluid ingress. --- ### 3. Electronic Operating Principle 1. **Detection:** As the fluid level changes, the magnetic float travels up or down the stem. 2. **Switching:** The magnetic field closes specific **Reed Switches** positioned at intervals inside the stem. 3. **Signal Conversion:** Each switch corresponds to a step in a resistor ladder. The total resistance measured at the output leads changes, which the vehicle's ECU or dashboard gauge interprets as a "Level" percentage. 4. **Damping:** Some electronic versions include a built-in capacitor or time-delay circuit to prevent the "sloshing" of fuel from causing the gauge needle to flicker. --- ### 4. Safety Features * **Intrinsically Safe Design:** Low current flow to prevent any risk of ignition within the fuel tank. * **Galvanic Isolation:** Ensures that electrical surges do not pass from the vehicle's main power bus into the fuel sensing unit. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific resistance ranges for the FTS-NB-R/BL model?
    • ⤷ How do I troubleshoot a 'no reading' error on this specific sensor?
    • ⤷ Can this sensor be used with non-conductive fluids other than fuel?