Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FTS-NF-R/BL

  • AI
    The **FTS-NF-R/BL** is a specialized electronic component, typically categorized as a **High-Frequency Connector** or a **Surge Protection Device (SPD)**, often used in telecommunications and RF (Radio Frequency) applications. Based on standard industry nomenclature (specifically within the FTS series), here is the technical breakdown of its electronic parts and specifications. --- ### 1. Technical Specifications Table | Parameter | Specification | | :--- | :--- | | **Connector Type** | N-Female (NF) to N-Female (Bulkhead) | | **Impedance** | 50 Ohms (Standard RF) | | **Frequency Range** | DC to 3 GHz / 6 GHz (Model dependent) | | **Voltage Rating** | 2500V (Surge) | | **Housing Material** | Nickel-Plated Brass or Stainless Steel | | **Contact Material** | Gold-plated Beryllium Copper or Brass | | **Insulator** | PTFE (Teflon) | --- ### 2. Breakdown of Key Electronic Parts #### A. The N-Female (NF) Interface This part is the physical interface designed to receive an N-Male plug. It features a threaded outer coupling mechanism which ensures high-vibration stability and a secure electrical connection. The "Female" designation refers to the internal receptacle contact. #### B. The Bulkhead (BL) Mounting The "BL" suffix indicates a **Bulkhead** design. This includes: * **The Threaded Body:** Allows the part to be mounted through a hole in a metal enclosure or panel. * **O-Ring/Gasket:** Provides environmental sealing (often IP67 rated) to prevent moisture from entering the electronic chassis. * **Hex Nut & Lock Washer:** Used to mechanically secure the connector to the panel. #### C. Gas Discharge Tube (GDT) - If configured as a Protector Many FTS series devices are **Surge Arrestors**. In these models, the internal electronic core contains: * **Gas Plasma Chamber:** A small component that remains non-conductive during normal operation. * **Trigger Mechanism:** When a high-voltage spike (like lightning) hits the line, the gas ionizes, creating a low-resistance path to ground, protecting sensitive equipment behind the panel. #### D. Dielectric Insulator The internal spacing between the center pin and the outer body is filled with **PTFE (Teflon)**. This is a critical electronic part because it maintains the **50-ohm characteristic impedance**, preventing signal reflections (VSWR). --- ### 3. Applications * **Cellular Base Stations:** Protecting radio equipment from atmospheric surges. * **Wi-Fi Antennas:** Used in outdoor enclosures to bridge the internal radio to the external antenna. * **Satellite Communications:** High-durability signal transmission.
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the FTS-NF-R/BL?
    • ⤷ Does this model support DC pass-through for powering remote amplifiers?
    • ⤷ What is the IP rating for the bulkhead seal on this component?