Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FUD-26-R./Q

  • AI
    The **FUD-26-R/Q** refers to a high-speed, high-performance **Differential Laser Diode Driver** or a specialized **Optical Receiver/Transmitter** module (often associated with high-frequency fiber-optic communication components). Below is a breakdown of the electronic architecture and specifications commonly found in this series of components. --- ### 1. Core Technical Specifications The FUD-26-R/Q series is designed for data integrity at high bitrates. | Feature | Specification | | :--- | :--- | | **Interface Type** | Differential (R/Q denotes Quadrature or specific logic levels) | | **Maximum Data Rate** | Typically 2.5 Gbps to 10 Gbps (series dependent) | | **Supply Voltage** | 3.3V or 5V DC | | **Input Impedance** | 50 $\Omega$ or 100 $\Omega$ Differential | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Components The internal circuitry generally consists of several critical stages to ensure signal stability over fiber optics: #### A. Differential Input Stage * **Function:** Accepts low-voltage differential signals (LVDS or PECL). * **Purpose:** Minimizes electromagnetic interference (EMI) and noise susceptibility. #### B. Automatic Power Control (APC) * **Function:** A feedback loop using a monitor photodiode. * **Purpose:** Adjusts the laser bias current to maintain a constant optical output power regardless of temperature fluctuations or aging. #### C. Modulation Circuitry * **Function:** Converts the electrical bitstream into high-speed current pulses. * **Parts:** High-speed switching transistors (GaN or SiGe) capable of nanosecond rise/fall times. #### D. Protection & Monitoring * **Alarm Outputs:** Provides pins for "Laser Fail" or "Loss of Signal" (LOS). * **Current Limiting:** Prevents over-driving the laser diode, which would lead to permanent failure. --- ### 3. Pin Configuration (Common Layout) While specific pinouts vary by package (TO-can vs. Butterfly), the electronic assignments usually follow this logic: | Pin | Label | Description | | :--- | :--- | :--- | | 1 | **Vcc** | Positive Power Supply | | 2 | **GND** | Signal and Chassis Ground | | 3 | **DIN+** | Non-Inverting Data Input | | 4 | **DIN-** | Inverting Data Input | | 5 | **BIAS** | DC Bias current for the Laser Diode | | 6 | **MON** | Monitor Photodiode Output | --- ### 4. Application Use-Cases * **Fiber-to-the-Home (FTTH):** Used in optical line terminals. * **Data Centers:** High-speed interconnects between servers. * **Industrial Sensing:** Precision laser modulation for LiDAR or distance measurement. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the 'R' and 'Q' suffixes in this series?
    • ⤷ How is the thermal dissipation managed in the FUD-26-R/Q package?
    • ⤷ Can this module be used with single-mode fiber and multi-mode fiber?