Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FUD-B1-R.SLASHQ

  • AI
    The **FUD-B1-R.SLASHQ** (often referenced as the **FUD-B1-R**) is a specialized ultrasonic flow sensor module primarily used in industrial liquid measurement. It operates on the principle of ultrasonic transit-time difference to measure flow rates without making physical contact with the fluid. --- ### Core Electronic Specifications The following table outlines the technical parameters and electronic characteristics of the device: | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 12V to 24V DC (typical) | | **Output Signal** | Analog (4-20mA) or Pulse/Frequency | | **Communication Interface** | RS-485 (Modbus RTU) | | **Power Consumption** | < 1.5W | | **Measurement Method** | Ultrasonic Transit-Time | | **Accuracy** | ±1.0% to ±2.0% of FS | --- ### Key Electronic Components The "R.SLASHQ" variant typically integrates several high-precision electronic sub-systems: #### 1. Ultrasonic Transducer Array - **Piezoelectric Crystals:** These convert electrical energy into high-frequency sound waves (and vice versa). - **Signal Conditioners:** Low-noise amplifiers that boost the weak return signals from the sensors. #### 2. Digital Signal Processing (DSP) Unit - This is the "brain" of the device. It calculates the minute time differences (nanoseconds) between upstream and downstream pulses. - It filters out electrical noise and vibration artifacts to ensure a stable reading. #### 3. Communication Module - **RS-485 Protocol:** Enables the device to be integrated into a PLC (Programmable Logic Controller) or SCADA system. - **I/O Ports:** Terminal blocks designed for easy wiring of power and data lines. #### 4. Power Management Circuit - Includes voltage regulators and surge protection to ensure the sensitive electronics are not damaged by industrial power fluctuations. --- ### Wiring and Interface Layout In most industrial setups, the wiring follows this logic: 1. **V+ / V-**: Power supply input (DC). 2. **A / B**: RS-485 differential data lines for Modbus communication. 3. **Out / GND**: Analog output for real-time flow monitoring. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum fluid temperature supported by the FUD-B1-R?
    • ⤷ How do you configure the Modbus address for this specific sensor?
    • ⤷ Can this sensor measure the flow of highly viscous oils?