Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FUD-B4-R./Q

  • AI
    The **FUD-B4-R/Q** refers to a high-precision, four-quadrant analog multiplier/divider module. These electronic components are primarily used in analog signal processing to perform mathematical operations on voltage signals in real-time without the latency associated with digital conversion. --- ### 1. Technical Specifications Below are the typical electronic characteristics of this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Operation Mode** | Four-Quadrant (Multiplies positive and negative inputs) | | **Functions** | Multiplication, Division, Squaring, Square Rooting | | **Supply Voltage** | $\pm$12V to $\pm$15V DC | | **Accuracy** | 0.1% to 0.5% Full Scale | | **Bandwidth** | 100 kHz - 1 MHz (Model dependent) | | **Input Impedance** | $\geq$ 100 k$\Omega$ | --- ### 2. Core Electronic Components The internal circuitry of a FUD-B4-R/Q module generally consists of the following stages: 1. **Log-Antilog Translinear Circuitry:** The "heart" of the device. It uses the exponential relationship of bipolar junction transistors (BJTs) to convert input voltages into logarithms, adds/subtracts them, and then takes the antilog to produce the product or quotient. 2. **Operational Amplifiers (Op-Amps):** High-precision op-amps are used at the input stages for buffering and at the output stage for current-to-voltage conversion and scaling. 3. **Precision Resistor Networks:** Laser-trimmed resistors ensure high linearity and minimal offset error, which is critical for the "Four-Quadrant" capability (maintaining accuracy across $X \times Y$, $-X \times Y$, $X \times -Y$, and $-X \times -Y$). 4. **Reference Voltage Source:** An internal Zener or Bandgap reference provides a stable denominator constant ($V_z$) for division operations ($V_{out} = \frac{V_x \cdot V_y}{V_z}$). --- ### 3. Functional Logic The module's electronic behavior is governed by the standard transfer function: ```math V_{out} = \frac{(X_1 - X_2)(Y_1 - Y_2)}{10V} + Z ``` * **Multiplication:** Both $X$ and $Y$ inputs are variable. * **Division:** One input is used in a feedback loop with an op-amp to invert the multiplication process. * **Squaring:** The same signal is fed into both $X$ and $Y$ terminals. --- ### 4. Common Applications * **Power Measurement:** Multiplying instantaneous Voltage (V) and Current (I) to get Real Power (P). * **Automatic Gain Control (AGC):** Using a control voltage to scale an input signal. * **Modulation:** Functioning as a balanced modulator in communication circuits. * **Analog Computing:** Solving differential equations in real-time control systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q suffixes in this model series?
    • ⤷ How do you calibrate the offset voltage for the FUD-B4 module?
    • ⤷ Can this component be used for high-frequency RF signal modulation?