Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FUD-B6-R./Q

  • AI
    The **FUD-B6-R/Q** is a high-performance, DIN-rail mounted signal converter/transmitter manufactured by **Fuji Electric**. This specific series is designed to convert electrical input signals (such as DC current or voltage) into isolated DC outputs, often used in industrial automation and control systems. --- ### 1. Key Technical Specifications The following table outlines the core electronic characteristics of the FUD-B6-R/Q: | Feature | Specification | | :--- | :--- | | **Input Type** | DC Voltage / DC Current (Configurable) | | **Output Type** | DC Voltage / DC Current (Isolated) | | **Power Supply** | 100V–240V AC or 24V DC (Model dependent) | | **Response Time** | Fast response (typically < 0.5 seconds) | | **Isolation** | 3-way isolation (Input / Output / Power) | | **Mounting** | Standard 35mm DIN Rail | --- ### 2. Core Electronic Components & Architecture The device functions through three primary stages to ensure signal integrity and safety: #### A. Input Conditioning Stage * **Precision Resistors:** Used for current-to-voltage conversion. * **Protection Circuits:** Includes surge absorbers and filters to eliminate high-frequency noise from industrial sensors. #### B. Isolation Barrier * **Photocouplers/Transformers:** The "R/Q" designation usually implies high-grade galvanic isolation. This prevents ground loops and protects sensitive PLCs (Programmable Logic Controllers) from high-voltage surges on the field side. #### C. Output Drive Stage * **Operational Amplifiers (Op-Amps):** High-precision amplifiers ensure the output signal (e.g., 4-20mA) remains linear relative to the input. * **Zero/Span Trim Potentiometers:** Accessible on the front panel to calibrate the minimum (zero) and maximum (span) signal levels. --- ### 3. Connection Diagram Logic The electronic wiring typically follows this terminal logic: ```text [ Power Supply ] --- [ (1) (2) Terminals ] [ Input Signal ] --- [ (5) (6) Terminals ] [ Output Signal] --- [ (3) (4) Terminals ] ``` --- ### 4. Comparison of Variants * **Standard (FUD-B6):** General purpose signal conversion. * **R/Q Suffix:** These suffixes often denote specific customization or compliance standards, such as improved response speed, specific input/output ranges (e.g., 0-5V vs 4-20mA), or enhanced environmental resilience.
    ✨ Follow-up Questions
    • ⤷ What are the specific input and output range options for the FUD-B6-R/Q?
    • ⤷ How do I calibrate the zero and span settings on this specific model?
    • ⤷ What is the dielectric strength or isolation voltage rating for this transmitter?