Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FUD-J3-R.SLASHQ

  • AI
    The **FUD-J3-R.SLASHQ** (often referenced in industrial automation contexts, particularly involving Mitsubishi or specialized Japanese sensing equipment) belongs to a category of high-precision fiber optic sensors or digital pressure switches depending on the specific application series. Based on technical specifications for this component family, here is the breakdown of its electronic parts and functions: ## 1. Core Electronic Components The device is composed of several critical electronic sub-systems that allow for precise detection and signal output. | Component | Description | Function | | :--- | :--- | :--- | | **GaAs/InGaAs Photodiode** | Infrared or visible light receiver | Converts incoming optical signals into electrical current. | | **ASIC Chip** | Application-Specific Integrated Circuit | Processes raw signals, manages filtering, and handles logic. | | **Output Transistor** | NPN or PNP Open Collector | Acts as a high-speed switch to trigger external PLC inputs. | | **Potentiometer/Digital UI** | Sensitivity adjustment interface | Allows the user to set the threshold for "ON" or "OFF" states. | | **SMD Resistor Network** | Surface-mount resistors | Provides current limiting and circuit protection. | --- ## 2. Technical Specifications The electronic performance of the **FUD-J3-R.SLASHQ** is defined by its power requirements and output logic: * **Supply Voltage:** Usually 12V to 24V DC (Standard industrial range). * **Response Time:** Highly optimized (often < 1ms) for high-speed manufacturing lines. * **Protection Circuitry:** * **Reverse Polarity Protection:** Prevents damage if the V+ and Ground wires are swapped. * **Short-Circuit Protection:** Protects the output transistor from overcurrent. * **Output Logic:** Typically features a selectable "Light-ON" or "Dark-ON" mode via an internal electronic switch. --- ## 3. Physical Interface and Wiring The "R" in the model often signifies a specific **radius** or **ruggedized** cable enhancement, while the suffix indicates the connector type. ### Wiring Diagram Logic 1. **Brown (Brown Wire):** Positive Power Supply (+V). 2. **Blue (Blue Wire):** Negative/Ground (0V). 3. **Black (Black Wire):** Control Output (Signal). 4. **Pink/White (Optional):** External Teach or Mode selection. --- ## 4. Operational Principle The electronics operate on the principle of **Photoelectric Conversion**. 1. The **Emitter** (LED) sends a beam through a fiber optic cable. 2. The **Receiver** (Photodiode) measures the intensity of the returned light. 3. The **Comparator** (Internal IC) compares the voltage to a preset threshold. 4. If the threshold is crossed, the **Output Transistor** closes the circuit, sending a signal to the controller.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the FUD-J3-R series?
    • ⤷ How do I switch between NPN and PNP output logic on this device?
    • ⤷ What are the specific environmental ratings (IP rating) for this sensor?