Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FUD-Z1-R./Q

  • AI
    The **FUD-Z1-R/Q** refers to a high-precision, high-speed displacement sensor (often part of a laser or ultrasonic sensing system, commonly associated with manufacturers like Keyence or Panasonic/Sunx in industrial automation). Below is a breakdown of the electronic components and technical specifications typical for this class of industrial sensor. --- ### 1. Key Technical Specifications These parts are designed for high-end industrial sensing where precision and response time are critical. | Feature | Specification Details | | :--- | :--- | | **Output Type** | NPN or PNP Open Collector (depending on the R/Q suffix) | | **Response Time** | High speed, typically in the range of 1ms to 5ms | | **Operating Voltage** | 12 to 24 VDC (±10% ripple) | | **Current Consumption** | Low power consumption (usually < 50mA) | | **Indicator LEDs** | Operational status (Green) and Output status (Orange/Red) | --- ### 2. Core Electronic Components The internal circuitry of the FUD-Z1-R/Q consists of four primary stages: #### A. The Sensing Element * **Emitter/Receiver Pair:** If it is a laser or photoelectric variant, it utilizes a laser diode (Emitter) and a Photodiode or PSD (Position Sensitive Device) as the receiver. * **Signal Conditioning:** Converts the analog light intensity or distance into a voltage signal. #### B. The Processing Unit (IC) * **Microprocessor/ASIC:** The "brain" of the sensor. It processes the analog signals, applies noise filtering, and determines if the "set point" (threshold) has been reached. * **Potentiometer or Digital Buttons:** Used for adjusting the sensitivity or teaching the sensor the target distance. #### C. Output Circuitry * **Switching Transistors:** Uses NPN or PNP transistors to interface with PLCs (Programmable Logic Controllers). * **Short-Circuit Protection:** Integrated protection circuits to prevent damage if the output wires are incorrectly connected. #### D. Connection Interface * **Cable/Connector:** Usually features a highly flexible, oil-resistant robot cable or an M8/M12 quick-disconnect connector. --- ### 3. Wiring Configuration Most FUD-Z1 series sensors follow the standard industrial wire color coding: * **Brown:** +V (12-24V DC) * **Blue:** 0V (GND) * **Black:** Control Output (The signal sent to the PLC) * **Pink/White:** (Optional) External Teach-in or Mode selection --- ### 4. Application Environments Because of its electronic robustness, this part is commonly used in: 1. **Semiconductor Manufacturing:** Wafer detection and positioning. 2. **Automotive Assembly:** Checking for the presence of small metal parts. 3. **Packaging:** High-speed counting and label detection.
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the R and Q versions of this sensor?
    • ⤷ How do I wire this sensor to a standard NPN PLC input?
    • ⤷ What are the common troubleshooting steps if the output LED is blinking?