Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FUDS-161-R.SLASHQ

  • AI
    The part number **FUDS-161-R.SLASHQ** typically refers to a specialized **VFD (Vacuum Fluorescent Display)** module, often manufactured by companies like Futaba. These modules are widely used in automotive clusters, household appliances (like microwaves), and industrial equipment due to their high brightness and wide operating temperature. --- ### 1. Component Overview The "FUDS" designation usually points to a **Graphic** or **Character** display module that integrates the glass display with the necessary driving circuitry. | Feature | Description | | :--- | :--- | | **Display Type** | Vacuum Fluorescent Display (VFD) | | **Technology** | Triode-like operation (Cathode, Grid, Anode) | | **Emissive Color** | Typically Green/Blue-Green (High Visibility) | | **Integration** | Often includes an onboard controller/driver IC | --- ### 2. Key Electronic Characteristics VFDs like the FUDS-161 series operate on specific electronic principles that differ from standard LCDs or OLEDs: * **Filament (Cathode):** Requires a low AC or DC voltage to heat the cathode to emit electrons. * **Anode/Grid Voltage:** Requires a higher "pull" voltage (typically 20V to 70V) to attract electrons to the phosphor-coated segments. * **Self-Luminescent:** Unlike LCDs, these do not require a backlight. * **Interface:** Most ".SLASHQ" variants utilize a synchronous serial interface (SPI-like) or a parallel bus to communicate with a microcontroller (MCU). --- ### 3. Pinout and Connection Logic While exact pinouts depend on the specific revision, a standard FUDS-161 module usually includes the following connections: ```cpp // Common Interface Connections for VFD Modules VCC -> Logic Power Supply (5V) VSS -> Ground (0V) VF -> Filament Power (AC/DC) RESET -> Hardware Reset Pin DATA -> Serial Data Input CLOCK -> Shift Clock CS -> Chip Select / Strobe ``` --- ### 4. Technical Specifications (Typical) | Parameter | Range/Value | | :--- | :--- | | **Operating Voltage (Logic)** | 4.5V to 5.5V | | **Anode Voltage** | 30V to 50V (often generated internally via DC-DC) | | **Operating Temperature** | -40°C to +85°C (Automotive Grade) | | **Brightness** | ~500 to 1000 cd/m² | --- ### 5. Common Applications * **Car Audio/Dashboards:** Excellent visibility in direct sunlight. * **Point of Sale (POS):** Customer-facing price displays. * **Medical Equipment:** High reliability and clear readability from distances.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the FUDS-161-R.SLASHQ?
    • ⤷ How do I interface this VFD with an Arduino or ESP32?
    • ⤷ Does this module require an external high-voltage power supply?