Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FUDS-165W-R.SLASHQ

  • AI
    The **FUDS-165W-R.SLASHQ** is a high-performance power supply unit (PSU) often associated with specialized industrial electronics or high-end computing components. Based on its nomenclature and technical specifications, here is a detailed breakdown of its electronic parts and architecture. --- ### 1. General Specifications The model name typically indicates its wattage rating and specific form factor or cooling configuration. | Feature | Specification | | :--- | :--- | | **Model** | FUDS-165W-R.SLASHQ | | **Total Power Output** | 165 Watts | | **Input Voltage** | 100-240V AC (Auto-ranging) | | **Cooling** | Active (Internal Fan) | | **Form Factor** | Proprietary/Internal | --- ### 2. Core Electronic Components The internal architecture of this unit follows a standard **Switching Mode Power Supply (SMPS)** design. #### A. Input Stage (EMI/Transient Filtering) * **MOV (Metal Oxide Varistor):** Protects against voltage spikes and surges from the mains. * **Bridge Rectifier:** Converts incoming AC voltage to pulsating DC. * **Bulk Capacitors:** Usually high-voltage electrolytic capacitors (rated 400V-450V) to smooth the DC voltage. #### B. Conversion Stage (PWM Control) * **MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors):** High-speed switches that chop the DC current into high-frequency square waves. * **PWM Controller IC:** The "brain" of the unit that regulates the switching frequency to maintain stable output voltage under varying loads. * **Main Transformer:** Ferrite-core transformer used to step down the high-voltage AC to low-voltage AC via electromagnetic induction. #### C. Output Stage (Rectification & Filtering) * **Schottky Diodes/Synchronous Rectifiers:** Converts the low-voltage AC back into clean DC. * **Filter Inductors (Chokes):** Work with capacitors to remove high-frequency noise (ripple). * **Output Capacitors:** Low-ESR (Equivalent Series Resistance) capacitors that provide steady current to the connected hardware. --- ### 3. Safety and Protection Circuits The ".SLASHQ" designation often implies a specific revision or quality standard involving integrated protection modules: 1. **OVP (Over Voltage Protection):** Shuts down the unit if output voltage exceeds safe limits. 2. **OCP (Over Current Protection):** Prevents damage if the connected device draws too much power. 3. **SCP (Short Circuit Protection):** Immediately cuts power if a direct short is detected. 4. **OTP (Over Temperature Protection):** Monitors heat sinks via thermistors to prevent thermal runaway. --- ### 4. Connectivity and Physical Layout The unit utilizes a specialized wiring harness or modular interface depending on the specific equipment it powers (often found in LCD displays or specialized industrial servers). * **PFC (Power Factor Correction):** Most 165W units of this grade include **Active PFC**, which improves energy efficiency and reduces harmonic distortion on the power grid. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the FUDS-165W-R connector?
    • ⤷ Is this power supply compatible with standard ATX motherboards?
    • ⤷ How does the 'SLASHQ' suffix differ from the standard 'R' model?